Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1970 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1970
Description  Getting started with the X-NUCLEO-IHM09M1 motor control connector expansion board for STM32 Nucleo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1970 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1970 Datasheet HTML 3Page - STMicroelectronics UM1970 Datasheet HTML 4Page - STMicroelectronics UM1970 Datasheet HTML 5Page - STMicroelectronics UM1970 Datasheet HTML 6Page - STMicroelectronics UM1970 Datasheet HTML 7Page - STMicroelectronics UM1970 Datasheet HTML 8Page - STMicroelectronics UM1970 Datasheet HTML 9Page - STMicroelectronics UM1970 Datasheet HTML 10Page - STMicroelectronics UM1970 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
UM1970
Getting started
DocID028558 Rev 1
7/19
Pin
Default
Signal
Solder Bridge
Notes
8
GND
9
NC/PF6
10
NC
11
NC/PF7
12
IOREF
13
PA13
14
RESET
15
PA14
16
+3V3
17
PA15
Encoder A/ Hall H1
R27
18
+5V
19
GND
20
GND
21
PB7
22
GND
23
PC13
24
VIN
25
PC14
26
NC
27
PC15
28
PA0
Curr_fdbk_PhA
R4
29
PH0/PF0/PD0
30
PA1
VBUS_sensing
R5
31
PH1/PF1/PD1
32
PA4
DAC_Ch
R18 N.M.
33
VLCD/VBAT
34
PB0
VL_PWM
R15
35
PC2
Temperature feedback
R10
36
PC1 or PB9
Curr_fdbk_PhB
R9
Refer to UM1724 Table
9: Solder bridges for
further details
37
PC3
Potentiometer
R28
38
PC0 or PB8
Curr_fdbk_PhC
R7
Refer to UM1724 Table
9: Solder bridges for
further details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com