Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BBLF
Description  1~2W Isolated DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BBLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BBLF Datasheet HTML 1Page - Bothhand USA, LP. BBLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BB LF Series
1~2W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhand
usa.com
14
Features:
Wide 2 : 1 Input Range
Input Filter With Internal Capacitor
Input / Output Isolation 15K Vdc or 3K Vdc(H)
Low Ripple And Noise
100% Burn-In
Regulated type
Net Weight : 6.5 g Typical
16 Pin DIL Package
Custom Design Available
Technical Specification (1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) 1.0 W Single Output Series
BB-123R3S(H) LF
3.3
300
3
115
50
± 0.5
72
BB-1205S(H) LF
5
200
3
114
50
± 0.5
73
BB-1212S(H) LF
9~18
12
100
3
135
100
± 0.5
74
BB-2405S(H) LF
5
200
3
57
50
± 0.5
73
BB-2412S(H) LF
12
100
3
68
100
± 0.5
73
BB-2415S(H) LF
18~36
15
80
3
67
120
± 0.5
75
2) 2.0 W Single Output Series
BB-1205S2(H) LF
5
400
4
222
50
± 0.5
75
BB-1215S2(H) LF
9~18
15
134
4
209
120
± 0.5
80
BB-2405S2(H) LF
5
400
4
113
50
± 0.5
74
BB-2412S2(H) LF
12
167
4
107
100
± 0.5
78
BB-2415S2(H) LF
15
134
4
105
120
± 0.5
80
BB-2418S2(H) LF
18~36
18
400
4
111
150
± 0.5
75
Mechanical Dimensions (1/2):
Single Output Style
Pin
1K&3K Vdc - Single
Pin
1
16
2
-Vin
+Vin
15
3
14
4
13
5
No Pin
No Pin
12
6
NC
-Vo
11
7
No Pin
No Pin
10
8
NC
+Vo
9
Date Code
17.78
(0.70)
2.81
(0.11)
10.16
(0.40)
1.92
(0.08)
Bottom View
Ø 0.50
(0.02)
1.92
(0.08)
5.08
(0.20)
2.54
(0.10)
BB-1205S2 LF
IN=9~18Vdc
23.40
(0.92)
14.00
(0.55)
Pb
11.00
(0.43)
20.00
(0.79)
9.75
(0.38)
3.05
(0.12)
Min.
8.50
(0.33)
5.00
(0.20)
OUT=5Vdc
Printed
Face


Similar Part No. - BBLF

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
BBL PAIRUI-BBL Datasheet
423Kb / 3P
DC-DC Converter
logo
Samtec, Inc
BBL-104-G-E SAMTEC-BBL-104-G-E Datasheet
146Kb / 1P
520 PARK EAST BLVD. NEW ALBANY, INDIANA 47150 PHONE (821) 944-6733 P.O. BOX 1147 CODE 55322
BBL-107-T-E SAMTEC-BBL-107-T-E Datasheet
417Kb / 1P
MACHINED BOARD STACKING STRIPS
BBL-132-G-F SAMTEC-BBL-132-G-F Datasheet
160Kb / 1P
ASSEMBLY BOARD TO BOARD SPACING
logo
PAIRUI GROUP INC.
BBL12-50T16 PAIRUI-BBL12-50T16 Datasheet
423Kb / 3P
DC-DC Converter
More results

Similar Description - BBLF

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
DC - DC CONVERTER 2W
SAD02-9559 CHINFA-SAD02-9559_08 Datasheet
107Kb / 2P
DC - DC CONVERTER 2W
logo
Bothhand USA, LP.
B3-LF-SERIES BOTHHAND-B3-LF-SERIES Datasheet
755Kb / 2P
2W Isolated DC/DC Converter
B9-LF-SERIES BOTHHAND-B9-LF-SERIES Datasheet
128Kb / 1P
2W Isolated DC/DC Converter
BB-LF-SERIES BOTHHAND-BB-LF-SERIES Datasheet
143Kb / 2P
1~2W Isolated DC/DC Converter
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
1 Watt Isolated DC-DC Converter
B3LF BOTHHAND-B3LF Datasheet
755Kb / 2P
2W Isolated DC/DC Converter
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
1 Watt isolated DC-DC converter
March 2022
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
1 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com