Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4-2405SSLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B4-2405SSLF
Description  .6~1.5W Isolated DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B4-2405SSLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B4-2405SSLF Datasheet HTML 1Page - Bothhand USA, LP. B4-2405SSLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specification(2/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
2) Single Output DIL Package Style
B4-0503DS(H) LF
3
200
28
193
50
± 0.5
62
B4-053R3DS(H) LF
3.3
200
28
212
50
± 0.5
62
B4-0505DS(H) LF
5
200
28
312
50
± 0.5
64
B4-0509DS(H) LF
9
150
26
421
60
± 0.5
64
B4-0512DS(H) LF
5
12
100
26
375
80
± 0.5
64
B4-1203DS(H) LF
3
200
18
81
50
± 0.5
62
B4-123R3DS(H) LF
3.3
303
18
56
50
± 0.5
74
B4-1205DS(H) LF
5
200
18
54
60
± 0.5
77
B4-1209DS(H) LF
9
150
18
55
100
± 0.5
76
B4-1212DS(H) LF
12
12
100
18
55
120
± 0.5
76
B4-2403DS(H) LF
3
200
5
40
50
± 0.5
62
B4-243R3DS(H) LF
3.3
200
5
43
50
± 0.5
63
B4-2405DS(H) LF
5
200
4
64
50
± 0.5
65
B4-2409DS(H) LF
9
150
4
88
60
± 0.5
64
B4-2412DS(H) LF
24
12
100
4
78
80
± 0.5
64
Mechanical Dimensions(2/2):
DIL Package Style
0.50
(0.02)
20.32
(0.80)
15.24
(0.60)
Bottom View
7.62
(0.30)
10.16
(0.40)
5.08
(0.20)
Printed
Face
B4-0505DS LF
Pb
18.00
(0.71)
8.00
(0.31)
Date Code
5.00
(0.20)
8.50
(0.33)
3.05
(0.12)
Min.
6.85
(0.27)
Pin
1K Vdc-Single
Pin
1
-Vin
+Vin
1
2
2
3
3
4
No Pin
-Vo
4
5
No Pin
5
6
No Pin
+Vo
6
7
NC
No Pin
7
Pin
3K Vdc-Single
Pin
1
-Vin
+Vin
1
2
2
3
3
4
No Pin
4
5
-Vo
5
6
No Pin
No Pin
6
7
NC
+Vo
7
B4 LF Series
.6~1.5W Isolated DC/DC Converter
BOTHHAND USA
www.bothhandusa.com
sales@bothhandusa.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com