Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANPSC110FDMQB Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110FDMQB
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110FDMQB Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button SCANPSC110FDMQB Datasheet HTML 13Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 14Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 15Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 16Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 17Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 18Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 19Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 20Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Special Features (Continued)
Update-IR were Select-DR, TMS
L would remain low and
synchronization would not occur until the ’PSC110F TAP
Controller entered the
Run-Test/Idle state, as shown in Fig-
ure 11.
Each local port has its own Local Scan Port Controller. This
is necessary because the LSPN can be configured in any
one of eight (8) possible combinations. Either one, some, or
all of the local ports can be accessed simultaneously. Con-
figuring the LSPN is accomplished with the mode register, in
conjunction with the
UNPARK instruction.
The LSPN can be unparked in one of seven different con-
figurations, as specified by bits 0-2 of the mode register. Us-
ing multiple ports presents not only the task of synchronizing
the ’PSC110F TAP Controller with the TAP Controllers of an
individual local port, but also of synchronizing the individual
local ports to one another.
When multiple local ports are selected for access, it is pos-
sible that two ports are parked in different states. This could
occur when previous operations accessed the two ports
separately and parked them in the two different states. The
LSP Controllers handle this situation gracefully.
Figure 12
shows the
UNPARK instruction being used to access LSP
1,
LSP
2, and LSP3 in series (mode register = “XXX0X111” bi-
nary). LSP
1 and LSP2 become active as the ’PSC110F con-
troller is sequenced through the
Run-Test/Idle state. LSP
3
remains parked in the
Pause-DR state until the ’PSC110F
TAP Controller is sequenced through the
Pause-DR state. At
that point, all three local ports are synchronized for access
via the active scan chain.
DS100327-14
FIGURE 12. Synchronization of the Three Local Scan Ports (LSP
1, LSP2, and LSP3)
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com