Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F7LF Datasheet(PDF) 5 Page - Bothhand USA, LP.

Part # F7LF
Description  15 Watt Isolated DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

F7LF Datasheet(HTML) 5 Page - Bothhand USA, LP.

  F7LF Datasheet HTML 1Page - Bothhand USA, LP. F7LF Datasheet HTML 2Page - Bothhand USA, LP. F7LF Datasheet HTML 3Page - Bothhand USA, LP. F7LF Datasheet HTML 4Page - Bothhand USA, LP. F7LF Datasheet HTML 5Page - Bothhand USA, LP. F7LF Datasheet HTML 6Page - Bothhand USA, LP. F7LF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
F7 LF - Series
15 Watt Isolated DC-DC Converter
Single / Dual Output
101
Dual Output Metal Case Model
Single Output Plastic Case Model
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
Bottom View
Top View
-IN
f 1.00
(0.04)
-OUT
+OUT
+OUT
-OUT
F7-4805S10P LF
IN=36~72Vdc
OUT=5Vdc/2A
+
IN
Printed Face
9.55
(0.37)
5.08
(0.20)
25.00
(0.98)
50.60
(1.99)
10.16
(0.40)
10.16
(0.40)
9.96
(3.92)
5.08
(0.2)
9.96
(3.92)
20.32
(0.80)
15.14
(0.60)
15.14
(0.60)
Pb
21.16
(0.83)
46.42
(1.83)
8.50
(0.33)
5.00
(0.20)
-
+IN
1.00
(0.04)
Printed Face
5.08
(0.20)
25.40
(1.00)
50.80
(2.00)
10.16
(0.40)
10.16
(0.40)
10.16
(0.40)
5.08
(0.2)
10.16
(0.40)
20.32
(0.8)
15.24
(0.60)
15.24
(0.60)
Pb
21.16
(0.83)
34.66
(1.36)
11.30
(0.44)
46.42
(1.83)
5.00
(0.20)
2.54
(0.10)
2.54
(0.10)
-OUT
+OUT
F7-1205D10M LF
IN=9~18Vdc
OUT=±5Vdc/± 2.0A
IN
-
+
Bottom View
+OUT
COM
-OUT
+IN -IN
Top View
COM
Bottom View
-IN
f 1.00
(0.04)
+OUT
-OUT
Printed Face
9.55
(0.37)
5.08
(0.20)
10.16
(0.40)
10.16
(0.40)
9.96
(3.92)
5.08
(0.2)
9.96
(3.92)
20.32
(0.80)
15.14
(0.60)
15.14
(0.60)
8.50
(0.33)
5.00
(0.20)
+IN
f 1.00
(0.04)
Printed Face
9.55
(0.37)
5.08
(0.20)
8.50
(0.33)
5.00
(0.20)
ψ
ψ
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com