Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBA1 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # HBA1
Description  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HBA1 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  HBA1 Datasheet HTML 1Page - Bothhand USA, LP. HBA1 Datasheet HTML 2Page - Bothhand USA, LP. HBA1 Datasheet HTML 3Page - Bothhand USA, LP. HBA1 Datasheet HTML 4Page - Bothhand USA, LP. HBA1 Datasheet HTML 5Page - Bothhand USA, LP. HBA1 Datasheet HTML 6Page - Bothhand USA, LP. HBA1 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev:20120814A
Page 2 of 7
Isolated DC-DC Converters
HBA1 Series -- 1Watt
Output
Current (mA)
Input Current (mA)
Model
Number
Reinforced
Isolation 8kVDC
Input Voltage
Range(V)
Output
Voltage
(V)
Full Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
HBA1-15S0H6
HBA1-15S0H8
3.3
303
93
76
3300
HBA1-15S1H6
HBA1-15S1H8
5
200
91
78
2200
HBA1-15SBH6
HBA1-15SBH8
7.2
140
91
78
1000
HBA1-15SAH6
HBA1-15SAH8
9
111
88
80
1000
HBA1-15S2H6
HBA1-15S2H8
12
84
88
81
470
HBA1-15S3H6
HBA1-15S3H8
15
66
85
82
470
HBA1-15D0H6
HBA1-15D0H8
±3.3
±151
94
75
±2200
HBA1-15D1H6
HBA1-15D1H8
±5
±100
91
78
±1000
HBA1-15DBH6
HBA1-15DBH8
±7.2
±70
91
78
±470
HBA1-15DAH6
HBA1-15DAH8
±9
±55
88
79
±470
HBA1-15D2H6
HBA1-15D2H8
±12
±41
87
80
±220
HBA1-15D3H6
HBA1-15D3H8
13.5 ~ 16.5
Nominal: 15
±15
±33
25
86
81
±220
HBA1-24S0H6
HBA1-24S0H8
3.3
303
58
76
3300
HBA1-24S1H6
HBA1-24S1H8
5
200
57
78
2200
HBA1-24SBH6
HBA1-24SBH8
7.2
140
57
78
1000
HBA1-24SAH6
HBA1-24SAH8
9
111
54
80
1000
HBA1-24S2H6
HBA1-24S2H8
12
84
55
81
470
HBA1-24S3H6
HBA1-24S3H8
15
66
53
82
470
HBA1-24D0H6
HBA1-24D0H8
±3.3
±151
59
75
±2200
HBA1-24D1H6
HBA1-24D1H8
±5
±100
57
78
±1000
HBA1-24DBH6
HBA1-24DBH8
±7.2
±70
57
78
±470
HBA1-24DAH6
HBA1-24DAH8
±9
±55
55
79
±470
HBA1-24D2H6
HBA1-24D2H8
±12
±41
54
80
±220
HBA1-24D3H6
HBA1-24D3H8
21.6 ~ 26.4
Nominal: 24
±15
±33
20
54
81
±220
Input Specifications
5V nominal input
4.5~5.5V
12V nominal input
10.8~13.2V
15V nominal input
13.5~16.5V
Input voltage
24V nominal input
21.6~26.4V
Input filter
Capacitor
Environmental Specifications
Operating ambient temperature
-40°C to +85°C
Maximum case temperature
+95°C
Storage temperature range
-55°C to +125°C
Relative humidity
95% RH max.
Output Specifications
Output power
1 Watts max.
Voltage accuracy
Nominal Vin and full load
±5% max.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com