Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4797 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC4797
Description  Silicon NPN Triple Diffused
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4797 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC4797 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4797 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4797 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4797 Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Output Characteristics
10
5
0
510
Collector to Emitter Voltage
V
(V)
CE
1.8 A
2 A
0.2 A
1.6 A
1.4 A
1.2 A
1 A
0.8 A
0.6 A
0.4 A
Pc
=
50
W
I = 0
B
Tc = 25 °C
DC Current Transfer Ratio
vs. Collector Current
100
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
10
Collector Current
I
(A)
C
V
= 5 V
CE
75 °C
Tc = –25 °C
25 °C
Collector to Emitter Saturation Voltage
vs. Collector Current
10
5
2
1
0.5
0.2
0.1
0.05
0.1
0.2
0.5
1
2
5
10
Collector Current
I
(A)
C
I / I = 5
C
B
–25 °C
Tc = 25°C
75 °C
Base to Emitter Saturation Voltage
vs. Collector Current
10
5
2
1
0.5
0.2
0.1
0.2
0.5
1
2
5
10
Collector Current I
(A)
C
I / I = 5
C
B
75 °C
25 °C
Tc = –25°C
2SC4797



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com