Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4068BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4068BEY
Description  MEDIUM-SPEED OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4068BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4068BEY Datasheet HTML 1Page - STMicroelectronics HCF4068BEY Datasheet HTML 2Page - STMicroelectronics HCF4068BEY Datasheet HTML 3Page - STMicroelectronics HCF4068BEY Datasheet HTML 4Page - STMicroelectronics HCF4068BEY Datasheet HTML 5Page - STMicroelectronics HCF4068BEY Datasheet HTML 6Page - STMicroelectronics HCF4068BEY Datasheet HTML 7Page - STMicroelectronics HCF4068BEY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2001
s
MEDIUM-SPEED OPERATION
tPHL, tPLH = 75ns (Typ.) at 10V
s
BUFFERED OUTPUT
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4068B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4068B 8 INPUT NAND/AND GATE
provide
the
system
designer
with
direct
implementation of the positive-logic 8-input NAND
and AND functions and supplements the existing
family of CMOS gates.
HCF4068B
8 INPUT NAND/AND GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4068BEY
SOP
HCF4068BM1
HCF4068M013TR
DIP
SOP


Similar Part No. - HCF4068BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4068BEY STMICROELECTRONICS-HCF4068BEY Datasheet
264Kb / 10P
8-INPUT NAND/AND GATE
Jun-1989
HCF4068BEY STMICROELECTRONICS-HCF4068BEY Datasheet
159Kb / 8P
8 INPUT NAND/AND GATE
Sep-2001
More results

Similar Description - HCF4068BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N4036 STMICROELECTRONICS-2N4036 Datasheet
62Kb / 5P
MEDIUM-SPEED SWITCH
Oct-1988
logo
ATMEL Corporation
AT25320A ATMEL-AT25320A_14 Datasheet
457Kb / 19P
Medium-voltage and Standard-voltage Operation
AT93C56A ATMEL-AT93C56A_14 Datasheet
340Kb / 13P
Medium-voltage and Standard-voltage Operation
AT93C66A ATMEL-AT93C66A_14 Datasheet
340Kb / 13P
Medium-voltage and Standard-voltage Operation
AT93C46 ATMEL-AT93C46_14 Datasheet
410Kb / 14P
Medium-voltage and Standard-voltage Operation
AT93C56A ATMEL-AT93C56A_14 Datasheet
309Kb / 14P
Medium-voltage and Standard-voltage Operation
AT93C66A ATMEL-AT93C66A_14 Datasheet
309Kb / 14P
Medium-voltage and Standard-voltage Operation
logo
Silicon Laboratories
SI80XX-1KV SILABS-SI80XX-1KV Datasheet
1Mb / 23P
High-speed operation
SI864X SILABS-SI864X Datasheet
840Kb / 42P
High-speed operation
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
Medium Speed Torquemeter
Rev A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com