Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6706TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6706TR
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6706TR Datasheet HTML 31Page - STMicroelectronics L6706TR Datasheet HTML 32Page - STMicroelectronics L6706TR Datasheet HTML 33Page - STMicroelectronics L6706TR Datasheet HTML 34Page - STMicroelectronics L6706TR Datasheet HTML 35Page - STMicroelectronics L6706TR Datasheet HTML 36Page - STMicroelectronics L6706TR Datasheet HTML 37Page - STMicroelectronics L6706TR Datasheet HTML 38Page - STMicroelectronics L6706TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
L6706
Output voltage monitor and protections
Doc ID 15698 Rev 2
35/47
15.3
Over voltage and programmable OVP
Once VCC crosses the turn-ON threshold and the device is enabled (OUTEN = 1), L6706
provides an over voltage protection: when the voltage sensed by VSEN overcomes the OVP
threshold (OVPTH), the controller:
–
Permanently turns OFF the high-side MOSFETs.
–
Permanently turns ON the low-side MOSFET in order to protect the load.
–
Drives the OSC/ FAULT pin high (3.3 V typ).
–
Power supply or OUTEN pin cycling is required to restart operations.
The OVP threshold can be also programmed through the OVP pin: leaving the pin floating, it
is internally pulled-up and the OVP threshold is set to VID + 175 mV (typ).
Connecting the OVP pin to SGND through a resistor ROVP, the OVP threshold becomes the
voltage present at the pin. Since the OVP pin sources a constant IOVP = 20 µA (Min) current
(see Table 5), the programmed voltage becomes:
Filter OVP pin with 100 pF (max) vs. SGND.
Over voltage protections is always active during the soft-start, as shown in the following
picture:
Figure 19.
OVP threshold during soft-start for tracking (left) and fixed (right) mode
15.4
Overcurrent protection
The device limits the peak the inductor current entering in constant current until setting UVP
as below explained.
The over current threshold has to be programmed, by designing the ROCSET resistors as
shown in the Figure 20, to a safe value, in order to be sure that the device doesn't enter
Table 8.
Over voltage protection threshold
OVP pin
Thresholds
OVP threshold
Floating
Tracking
OVPTH = VID + 175 mV (typ)
ROVP to SGND
Fixed
OVPTH = ROVP * 20 μA (min)
OVP
TH
R
OVP
20
μAMIN )
()
⋅
=
R
OVP
OVP
TH
20
μAMIN )
()
----------------------------------
=
⇒
OUTEN
SS_END
VOUT
t
t
t
1.240V
t
OVPTH
VID+150mV(MIN)
OUTEN
SS_END
VOUT
t
t
t
ROVP * 22uA(MIN)
t
OVPTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com