Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6759D Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 38Page - STMicroelectronics L6759D Datasheet HTML 39Page - STMicroelectronics L6759D Datasheet HTML 40Page - STMicroelectronics L6759D Datasheet HTML 41Page - STMicroelectronics L6759D Datasheet HTML 42Page - STMicroelectronics L6759D Datasheet HTML 43Page - STMicroelectronics L6759D Datasheet HTML 44Page - STMicroelectronics L6759D Datasheet HTML 45Page - STMicroelectronics L6759D Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
PMBus support
L6759D
42/51
Doc ID 023240 Rev 1
12
PMBus support
The L6759D is compatible with PMBus™ standard revision 1.1, refer to PMBus standard
documentation for further information (www.pmbus.org).
Table 11.
Supported commands
Command
Per
rail
Code
[Hex]
Mode
Comments
OPERATION
Y
01
RW byte
Used to turn the controller on/off in conjunction with the input
from the control pin. Also used to set margin voltages. Soft-off
not supported
ON_OFF_CONFIG
N1
02
RW byte
Configures how the controller responds when power is
applied.
WRITE_PROTECT
Y
10
RW byte
Controls writing to the PMBus device to prevent accidental
changes.
VOUT_COMMAND
Y
21
RW word
Causes the converter to set it's output voltage to the
commanded value - VID mode.
VOUT_MAX
Y
24
RW word
Sets the upper limit on the output voltage regardless of any
other command
VOUT_MARGIN_HIGH
Y
25
RW word
Sets the voltage to which the output is to be changed when
the OPERATION command is set to “Margin High”
VOUT_MARGIN_LOW
Y
26
RW word
Sets the voltage to which the output is to be changed when
the OPERATION command is set to “Margin Low”
IOUT_CAL_OFFSET
Y
39
RW word
Calibration for IOUT reading.
OT_FAULT_LIMIT
Y
4F
RW word
Overtemperature fault threshold.
OT_WARN_LIMIT
Y
51
RW word
Overtemperature warning threshold.
VIN_OV_FAULT_LIMIT
N
55
RW word
Input voltage monitor overvoltage limit.
VIN_UV_FAULT_LIMIT
N
59
RW word
Input voltage monitor undervoltage limit.
MFR_SPECIFIC_01
N
D1
RW byte
AVERAGE_TIME_SCALE. Sets the time between two
measures.
MFR_SPECIFIC_02
Y
D2
RW byte
DEBUG_MODE. [01/10] Switch [ON/OFF] the Vout control on
PMBus domain.
MFR_SPECIFIC_05
Y
D5
RW byte
VOUT_TRIM. Used to apply a fixed offset voltage to the
output voltage command value.
MFR_SPECIFIC_08
Y
D8
RW byte
VOUT_DROOP. Used to change the Vout droop.
MFR_SPECIFIC_35
N1
F3
RW byte
MANUAL_PHASE_SHEDDING. Used to manage the phase
shedding manually.
MFR_SPECIFIC_38
Y
F6
RW byte
VOUT_OV_FAULT_LIMIT allows the programming of the OV
protection threshold for each rail.
MFR_SPECIFIC_39
Y
F7
RW byte
VFDE_ENABLE.
MFR_SPECIFIC_40
Y
F8
RW byte
ULTRASONIC_ENABLE.
MFR_SPECIFIC_41
N1
F9
RW byte
GDC_THRESHOLD. To access the internal register to set
GDC threshold [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com