Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6759DTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 21Page - STMicroelectronics L6759DTR Datasheet HTML 22Page - STMicroelectronics L6759DTR Datasheet HTML 23Page - STMicroelectronics L6759DTR Datasheet HTML 24Page - STMicroelectronics L6759DTR Datasheet HTML 25Page - STMicroelectronics L6759DTR Datasheet HTML 26Page - STMicroelectronics L6759DTR Datasheet HTML 27Page - STMicroelectronics L6759DTR Datasheet HTML 28Page - STMicroelectronics L6759DTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
L6759D
Output voltage positioning
Doc ID 023240 Rev 1
25/51
6.5
Single-phase section - disable
The single-phase section can be disabled by pulling high the SPWM pin. The related
command is rejected.
6.6
Single-phase section - current reading
The single-phase section performs the same differential current reading across DCR as the
multi-phase section. According to Section 6.2, the current that flows from the SCSN pin is
then given by the following equation (see Figure 9):
Equation 7
6.7
Single-phase section - defining load-line
This method introduces a dependence of the output voltage on the load current recovering
part of the drop due to the output capacitor ESR in the load transient. Introducing a depen-
dence of the output voltage on the load current, a static error, proportional to the output cur-
rent, causes the output voltage to vary according to the sensed current.
Figure 9 shows the current sense circuit used to implement the load-line. The current flow-
ing across the inductor DCR is read through RSG. RSG programs a trans-conductance gain
and generates a current ISDROOP proportional to the current delivered by the single-phase
section that is then sourced from the SFB pin with proper gain eventually adjusted by the
PMBus commands. RSFB gives the final gain to program the desired load-line slope
(Figure 8).
The output characteristic vs. load current is then given by:
Equation 8
where RSLL is the resulting load-line resistance implemented by the single-phase section.
The RSFB resistor can be then designed according to RSLL as follows:
Equation 9
6.8
Dynamic VID transition support
The L6759D manages dynamic VID transitions that allow the output voltage of both sections
to modify during normal device operation for power management purposes. OV, UV, and
per-phase OC signals are masked during every DVID transition and they are re-activated
with proper delay to prevent false triggering. Total OC is active even during DVID.
I
SCSN
DCR
R
SG
-------------
I
SOUT
⋅
I
SDROOP
==
V
SOUT
VID
R
SFB
I
SDROOP=
VID
R
SFB
DCR
R
SG
-------------
I
SOUT
VID
R
SLL
I
SOUT
⋅
–
=
⋅⋅
–
=
⋅
–
=
R
SFB
R
SLL
R
SG
DCR
-------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com