Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6788A Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6788A
Description  High current internal drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6788A Datasheet HTML 2Page - STMicroelectronics L6788A Datasheet HTML 3Page - STMicroelectronics L6788A Datasheet HTML 4Page - STMicroelectronics L6788A Datasheet HTML 5Page - STMicroelectronics L6788A Datasheet HTML 6Page - STMicroelectronics L6788A Datasheet HTML 7Page - STMicroelectronics L6788A Datasheet HTML 8Page - STMicroelectronics L6788A Datasheet HTML 9Page - STMicroelectronics L6788A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Pins description and connection diagram
L6788A
6/18
Doc ID 15341 Rev 2
6
VR_HOT/
EN
Voltage regulator HOT / enable pin. Internally pulled up by 10 µA (typ) to 3.3 V.
Multifunction pin to enable/disable the system (input-signal) and to provide the
information about the warning temperature (output-signal).
Forced low, the device stops operations with all MOSFETs OFF: all the latched
protections are disabled. Removing the short on VR_HOT/EN pin, the device
starts-up implementing soft-start and the voltage at the pin is clamped by the
device at 1.5 V (typ). When a warning temperature is detected the device
leaves the pin floating.
Thermal monitoring enabled if Vcc > UVLOVCC (See “thermal monitoring”
section for details).
VR_HOT/EN pin is set free when:
• Either TCS pin voltage overcomes the warning threshold voltage (see TCS
pin for details).
• Or Tj_IC Die temperature overcomes the die warning temperature (T_HOT)
Where T_HOT=T_Shutdown-T_Delta
Use a pull-up resistor in the range of 10 k
Ω−30 kΩ when VR_HOT/EN pin is
directly pulled up to 3.3 V. (see VR_HOT/EN pin voltage Electrical
Characteristic table).
Cycle this pin to recover latch from protections.
7
VID1
Voltage identification pins. Internally pulled low by 10 µA.
They allow programming output voltage from the 4-level “power play table” in
PVID mode.
8VID0
9IREF
Current reference pin.
Internally fixed at 1.240 V, connecting a RIREF = 12.4 k
Ω (+/-0.1%) resistor vs.
AGND allows setting 100 µA current that is mirrored into R1, R2, R3 pins in
order to program the three power play table levels voltage. See “power play
table level” section for details.
10
R3
Default “power play table” voltage setting pins.
The device sources from each Rx pin the same constant current sourced from
the IREF pin (
Internally mirrored). As a consequence the Voltage between Rx pin and AGND
is given by the following relationship: VRx= IREF * Rx=100 µA*Rx, where IREF
is the current programmed on IREF pin (100 µA). As soon as the ENABLE is
released the device reads the Rx pin voltage and it stores these value. As a
consequence if the power play table is re-written by serial BUS the analog
values can not be recovered (voltage fixed by Rx resistor). See “power play
table level” section for details.
11
R2
12
R1
13
CS1-
Channel 1 current sense negative input.
Connect through a Rg resistor to the output-side of the channel 1 inductor.
14
CS1+
Channel 1 current sense positive input.
Connect through an R-C filter to the phase-side of the channel 1 inductor.
15
CS2-
Channel 2 current sense negative input.
Connect through a Rg resistor to the output-side of the channel 2 inductor.
Still connect to VOUT through Rg resistor when using 1-phase operation.
Table 2.
Pin description (continued)
Pin n°
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com