Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBP10L Datasheet(PDF) 15 Page - STMicroelectronics

Part # LNBP10L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP10L Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LNBP10L Datasheet HTML 11Page - STMicroelectronics LNBP10L Datasheet HTML 12Page - STMicroelectronics LNBP10L Datasheet HTML 13Page - STMicroelectronics LNBP10L Datasheet HTML 14Page - STMicroelectronics LNBP10L Datasheet HTML 15Page - STMicroelectronics LNBP10L Datasheet HTML 16Page - STMicroelectronics LNBP10L Datasheet HTML 17Page - STMicroelectronics LNBP10L Datasheet HTML 18Page - STMicroelectronics LNBP10L Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
LNBP8L - LNBP9L - LNBP10L - LNBP11L
Typical performance characteristics
15/21
Figure 21.
Tone disable
Figure 22.
External modulation gain vs.
temperature
Figure 23.
External modulation gain vs.
frequency
Figure 24.
TON time vs. CEXT
Figure 25.
TOFF time vs. CEXT
EN/VSEL=L
TEN=H, LLC=L
V
CC1 = 23 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
EN/VSEL=L
TEN=H, LLC=L
V
CC1 = 23 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
f = 22 kHz
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
f = 22 kHz
3.5
4
4.5
5
5.5
6
6.5
7
1000
10000
100000
F [Hz]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
3.5
4
4.5
5
5.5
6
6.5
7
1000
10000
100000
F [Hz]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
0
50
100
150
200
250
300
350
400
0
5
10
15
CAPACITOR C
EXT [µF]
0
50
100
150
200
250
300
350
400
0
5
10
15
CAPACITOR C
EXT [µF]
0
500
1000
1500
2000
2500
3000
3500
4000
0
5
10
15
CAPACITOR C
EXT [µF]
0
500
1000
1500
2000
2500
3000
3500
4000
0
5
10
15
CAPACITOR C
EXT [µF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com