| Electronic Components Datasheet Search |
|
SPC56EL54x Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL54x Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 165 page ![]() Introduction SPC56ELx, SPC564Lx 24/165 DocID15457 Rev 12 1.5.25 System Status and Configuration Module (SSCM) The SSCM on this device features the following: System configuration and status Debug port status and debug port enable Multiple boot code starting locations out of reset through implementation of search for valid Reset Configuration Half Word Sets up the MMU to allow user boot code to execute as either Power Architecture code (default) or as VLE code out of flash memory Triggering of device self-tests during reset phase of device boot 1.5.26 FlexCAN The FlexCAN module is a communication controller implementing the CAN protocol according to Bosch Specification version 2.0B. The CAN protocol was designed to be used primarily as a vehicle serial data bus, meeting the specific requirements of this field: real- time processing, reliable operation in the EMI environment of a vehicle, cost-effectiveness and required bandwidth. The FlexCAN module provides the following features: Full implementation of the CAN protocol specification, version 2.0B – Standard data and remote frames – Extended data and remote frames – 0 to 8 bytes data length – Programmable bit rate as fast as 1Mbit/s 32 message buffers of 0 to 8 bytes data length Each message buffer configurable as receive or transmit buffer, all supporting standard and extended messages Programmable loop-back mode supporting self-test operation 3 programmable mask registers Programmable transmit-first scheme: lowest ID or lowest buffer number Time stamp based on 16-bit free-running timer Global network time, synchronized by a specific message Maskable interrupts Independent of the transmission medium (an external transceiver is assumed) High immunity to EMI Short latency time due to an arbitration scheme for high-priority messages Transmit features – Supports configuration of multiple mailboxes to form message queues of scalable depth – Arbitration scheme according to message ID or message buffer number – Internal arbitration to guarantee no inner or outer priority inversion – Transmit abort procedure and notification |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |