Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56EL70L5 Datasheet(PDF) 54 Page - STMicroelectronics

Part # SPC56EL70L5
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L5 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button SPC56EL70L5 Datasheet HTML 50Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 51Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 52Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 53Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 54Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 55Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 56Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 57Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 128 page
background image
Package pinouts and signal descriptions
SPC56EL70L3, SPC56EL70L5,PC564L70L3,
54/128
DocID023953 Rev 5
2.2
Supply pins
144
A[15]
SIUL
GPIO[15]
GPIO[15]
eTimer_1
ETC[5]
ETC[5]
FlexCAN_1
—
RXD
FlexCAN_0
—
RXD
SIUL
—
EIRQ[14]
1. VPP_TEST should always be tied to ground (VSS) for normal operations.
Table 4. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function
Table 5. Supply pins
Supply
Pin #
Symbol
Description
100
Pkg
144
Pkg
VREG control and power supply pins
BCTRL
Voltage regulator external NPN ballast base control pin
47
69
VDD_LV_COR
Core logic supply
48
70
VSS_LV_COR
Core regulator ground
49
71
VDD_HV_PMU
Voltage regulator supply
50
72
ADC_0/ADC_1 reference voltage and ADC supply
VDD_HV_ADR0
ADC_0 high reference voltage
33
50
VSS_HV_ADR0
ADC_0 low reference voltage
34
51
VDD_HV_ADR1
ADC_1 high reference voltage
39
56
VSS_HV_ADR1
ADC_1 low reference voltage
40
57
VDD_HV_ADV
ADC voltage supply for ADC_0 and ADC_1
41
58
VSS_HV_ADV
ADC ground for ADC_0 and ADC_1
42
59
Power supply pins (3.3 V)
VDD_HV_IO
3.3 V Input/Output supply voltage
—
6
VSS_HV_IO
3.3 V Input/Output ground
—
7
VDD_HV_REG_0
VDD_HV_REG_0
10
16
VDD_HV_IO
3.3 V Input/Output supply voltage
13
21
VSS_HV_IO
3.3 V Input/Output ground
14
22
VDD_HV_OSC
Crystal oscillator amplifier supply voltage
16
27
VSS_HV_OSC
Crystal oscillator amplifier ground
17
28
VSS_HV_IO
3.3 V Input/Output ground
62
90
VDD_HV_IO
3.3 V Input/Output supply voltage
63
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com