| Electronic Components Datasheet Search |
|
SPC56EL70L5 Datasheet(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L5 Datasheet(HTML) 105 Page - STMicroelectronics |
|
105 / 128 page ![]() DocID023953 Rev 5 105/128 SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5 Electrical characteristics 127 Figure 17. Functional Reset Sequence Short The reset sequences shown in Figure 16 and Figure 17 are triggered by functional reset events. RESET is driven low during these two reset sequences only if the corresponding functional reset source (which triggered the reset sequence) was enabled to drive RESET low for the duration of the internal reset sequence(c). 3.19.3 Reset sequence trigger mapping The following table shows the possible trigger events for the different reset sequences. It specifies the reset sequence start conditions as well as the reset sequence end indications that are the basis for the timing data provided in Table 31. PHASE3 DRUN Application Execution TFRS, min < TReset < TFRS, max Reset Sequence Trigger Reset Sequence Start Condition RESET_B RESET c. See RGM_FBRE register for more details. Table 32. Reset sequence trigger — Reset sequence Reset Sequence Trigger Reset Sequence Start Condition Reset Sequence End Indication Reset Sequence Destructive reset sequence, bist enabled(1) Destructive reset sequence, bisT disabled(1) External reset sequence long, bIST enabled Functional reset sequence long Functional reset sequence short All internal destructive reset sources (LVDs or internal HVD during power-up and during operation) Section 3.19. 4.1: Destructive reset Release of RESET(2) triggers cannot trigger cannot trigger cannot trigger Assertion of RESET(3) Section 3.19. 4.2: External reset via RESET cannot trigger triggers(4) triggers(5) triggers(6) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |