Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560B54X Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 49Page - STMicroelectronics SPC560B54X Datasheet HTML 50Page - STMicroelectronics SPC560B54X Datasheet HTML 51Page - STMicroelectronics SPC560B54X Datasheet HTML 52Page - STMicroelectronics SPC560B54X Datasheet HTML 53Page - STMicroelectronics SPC560B54X Datasheet HTML 54Page - STMicroelectronics SPC560B54X Datasheet HTML 55Page - STMicroelectronics SPC560B54X Datasheet HTML 56Page - STMicroelectronics SPC560B54X Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 133 page
background image
PJ[2]
PCR[146]
AF0
AF1
AF2
AF3
—
GPIO[146]
CS0_5
—
—
ADC0_S[26]
SIUL
DSPI_5
—
—
ADC_0
I/O
I/O
—
—
I
J
Tristate
—
—
72
P4
PJ[3]
PCR[147]
AF0
AF1
AF2
AF3
—
GPIO[147]
CS1_5
—
—
ADC0_S[27]
SIUL
DSPI_5
—
—
ADC_0
I/O
O
—
—
I
J
Tristate
—
—
71
P2
PJ[4]
PCR[148]
AF0
AF1
AF2
AF3
GPIO[148]
SCK_5
E1UC[18]
—
SIUL
DSPI_5
eMIOS_1
—
I/O
I/O
I/O
—
MTristate
—
—
5
A4
1.
Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module. PCR.PA = 00
AF0; PCR.PA = 01 AF1; PCR.PA = 10 AF2;
PCR.PA = 11
AF2. This is intended to select the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of the values
selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only function is reported as “—”.
2.
Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the values of the PSMIO.PADSELx bitfields inside
the SIUL module.
3.
The RESET configuration applies during and after reset.
4.
LBGA208 available only as development package for Nexus2+
5.
All WKPU pins also support external interrupt capability. See the WKPU chapter for further details.
6.
NMI has higher priority than alternate function. When NMI is selected, the PCR.AF field is ignored.
7.
“Not applicable” because these functions are available only while the device is booting. Refer to the BAM information for details.
8.
Value of PCR.IBE bit must be 0.
9.
This wakeup input cannot be used to exit STANDBY mode.
Table 6. Functional port pin descriptions (continued)
Port pin
PCR
Function
Peripheral
Pin number
LQFP
100
LQFP
144
LQFP
176
LBGA
208(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com