Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560B54X Datasheet(PDF) 131 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 131 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 125Page - STMicroelectronics SPC560B54X Datasheet HTML 126Page - STMicroelectronics SPC560B54X Datasheet HTML 127Page - STMicroelectronics SPC560B54X Datasheet HTML 128Page - STMicroelectronics SPC560B54X Datasheet HTML 129Page - STMicroelectronics SPC560B54X Datasheet HTML 130Page - STMicroelectronics SPC560B54X Datasheet HTML 131Page - STMicroelectronics SPC560B54X Datasheet HTML 132Page - STMicroelectronics SPC560B54X Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 133 page
background image
DocID15131 Rev 9
131/133
SPC560B54x/6x
Revision history
132
12-Sep- 2011
6
Editorial and formatting changes throughout
Replaced instances of “e200z0” with “e200z0h”
Device family comparison table:
– added 1 MB code flash LQFP100 version
– added 1.5 MB code flash LQFP144 version
– removed 768 KB code flash LQFP176 version
– changed LINFlex count for 144-pin LQFP—was ‘6’; is ‘8’
– changed LINFlex count for 176-pin LQFP—was ‘8’; is ‘10’
– replaced 105 °C with 125 °C in footnote 2
SPC560B54/6x block diagram: added GPIO and VREG to legend
SPC560B54/6x series block summary: added acronym “JTAGC”; in WKPU function
changed “up to 18 external sources” to “up to 27 external sources”
LQFP144 pin configuration: for pins 37–72, restored the pin labels that existed prior to
27 July 2010
LQFP176 pin configuration: corrected name of pin 4: was EPC[15]; is PC[15]
Added following sections:
– Pad configuration during reset phases
– Pad configuration during standby mode exit
– Voltage supply pins
– Pad types
– System pins
– Functional port pins
– Nexus 2+ pins
Section “NVUSRO register”: edited content to separate configuration into electrical
parameters and digital functionality; updated footnote describing default value of ‘1’
in field descriptions NVUSRO[PAD3V5V] and NVUSRO[OSCILLATOR_MARGIN]
Added section “NVUSRO[WATCHDOG_EN] field description”
Tables “Absolute maximum ratings” and “Recommended operating conditions (3.3 V)”:
replaced “VSS_HV_ADC0, VSS_HV_ADC1” with “VDD_HV_ADC0,
VDD_HV_ADC1” in VDD_ADC parameter description
“Recommended operating conditions (5.0 V)” table: replaced “VSS_HV_ADC0,
VSS_HV_ADC1” with “VDD_HV_ADC0, VDD_HV_ADC1” in VDD_ADC parameter
description; changed 3.6V to 3.0V in footnote 2
Section “External ballast resistor recommendations”: replaced “low voltage monitor”
with “low voltage detector (LVD)”
“I/O input DC electrical characteristics” table: updated ILKG characteristics
“MEDIUM configuration output buffer electrical characteristics” table: changed
“IOH = 100 µA” to “IOL = 100 µA” in VOL conditions
I/O weight: updated table (includes replacing instances of bit “SRE” with “SRC”)
“Reset electrical characteristics” table: updated parameter classification for |IWPU|
Updated voltage regulator electrical characteristics
Section “Low voltage detector electrical characteristics”: changed title (was “Voltage
monitor electrical characteristics”); changed “as well as four low voltage detectors” to
“as well as five low voltage detectors”; added event status flag names found in RGM
chapter of device reference manual to POR module and LVD descriptions; replaced
instances of “Low voltage monitor” with “Low voltage detector”; updated values for
VLVDLVBKPL and VLVDLVCORL
Updated section “Power consumption”
Table 56. Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com