Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X462S Datasheet(PDF) 2 Page - NEC

Part # X462S
Description  NEC LCD 46 Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

X462S Datasheet(HTML) 2 Page - NEC

  X462S Datasheet HTML 1Page - NEC X462S Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC MultiSync® X462S
1. Power
2. Main Switch
3. DisplayPort in
4. HDMI in
5. DVI in / out
6. D-sub with VGA, Component, Composite and S-Video
7. Composite in
8. LAN with SNMP
9. External control RS-232 in / out
10. Audio out
11. Audio in
12. External speakers
13. Internal / external speaker switch
SPECIAL CHARACTERISTICS
Advanced fan control, Automatic Alarm E-Mails, Copy display
settings through RS232, DICOM support, FREE DisplayNote
Presenter, Hardware colour calibration possible, Input name
adjustment, Matrix memory, NaViSet Administrator 2, OSD
rotation for portrait mode, Programmable ambient light sensor,
Rapid input switching, Scheduler, Screen saver functions,
TileMatrix (10 x 10), User input priority definition, Various picture
in picture options
Energy Efficiency
Ambient light sensor; LED backlight;
Carbon savings meter; ECOMode
Ecological Materials Mercury free; Optional feet; Manuals on
CD
Ecological
Standards
Energy Star 5.1
Technical Specification NEC MultiSync® X462S
DISPLAY
Panel Technology
S-PVA with edge LED backlights
Active Screen Area (W x H) [mm]
1,018.1 x 572.7
Screen Size [inch/cm]
46 / 117
Aspect Ratio
16:9
Brightness (shipping) [cd/m2]
500, (700 max)
Contrast Ratio (typ.)
4000:1
Viewing Angle [°]
178 horizontal / 178 vertical (typ. at contrast ratio 10:1)
Response Time (typ.) [ms]
8 (grey-to-grey)
Panel Refresh Rate [Hz]
60
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31.5 - 91.1
Vertical Frequency [Hz]
50 - 85
RESOLUTION
Native Resolution
1920 x 1080 at 60 Hz
Supported on digital and analogue inputs (PC)
1920 x 1080; 1680 x 1050; 1600 x 1200; 1400 x 1050; 1366 x 768; 1280 x 1024;
1280 x 960; 1280 x 800; 1280 x 768; 1280 x 720; 1024 x 768; 800 x 600; 720 x
576; 720 x 400; 640 x 480
Supported on digital inputs (Video)
1920 x 1080i (50)16:9; 1920 x 1080i (59.94/60)16:9; 1920 x 1080p (50)16:9; 1920
x 1080p (23.97/24)16:9; 1920 x 1080p (25)16:9; 1920 x 1080p (29.97/30)16:9;
1920 x 1080p (59.94/60)16:9; 1280 x 720p (59.94/60)16:9; 1280 x 720p (50)16:9;
720 x 576p (50)16:9; 720 x 480p (59.94/60)16:9
CONNECTIVITY
Input Video Analogue
1 x D-sub 15 pin; Composite (BNC)
Input Video Digital
1 x DVI-D (with HDCP); 1 x HDMI (with HDCP); 1 x DisplayPort (with HDCP)
Input Audio Analogue
1 x 3,5 mm jack
Input Audio Digital
DisplayPort; 1 x HDMI
Input Control
LAN 100Mbit; RS232
Output Video Digital
1 x DVI-D (with HDCP)
Output Audio Analogue
3,5mm jack
Output Control
RS232
Remote Control
LAN with SNMP; RS-232C (9-pin D-sub) Input and Output; Remote Control IR
OPTION SLOT
Slot Technology
STv2 (compatible with Intel / NEC OPS standard)
Inrush Current [A]
max. 10
Power Consumption [W]
max. 61
Voltage / Current [V/A]
16/4
ELECTRICAL
Power Consumption on Mode [W]
110 shipping; 255 (max.)
Power Savings Mode [W]
< 0.5 (ECO Standby); < 1
Power Management
VESA DPMS
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
+0 to +40
Operating Humidity [%]
20 to 80
Storage Humidity [%]
10 to 90
Storage Temperature [°C]
-20 to +60
MECHANICAL
Dimensions (W x H x D) [mm]
Without stand: 1,059.3 x 613 x 46.1
Weight [kg]
Without stand: 20.7
Bezel Width [mm]
18.7 (left and right); 18.7 (top and bottom)
VESA Mounting [mm]
300 x 300 (FDMI); 4 holes; M6
AVAILABLE OPTIONS
Accessories
Feet (ST-4020); Speaker (SP-RM1);
Wall mount ((MSMU, MTMU, MTAPU, WM-46S-L, WM-46S-P)
Option Slot
HD-SDI 1.5G and 3G; Intel Atom, Celeron and Core CPUs
ADDITIONAL FEATURES
Colour Versions
Black Front Bezel, Black Back Cabinet
Safety and Ergonomics
C-tick; CE; FCC Class B; PSB; TÜV GS; UL/C-UL or CSA; VCCI; Energy Star 5.1;
RoHS
Plug and Play
VESA DDC2Bi
Audio
Integrated Speakers (5 W + 5 W); Optional speakers NEC SP-RM1 (2x15W)
Shipping Content
Display; DVI-D cable; Power Cable; slot cover for STv2; Free LAN control software
(download); Remote Control (IR)
Document Name:
Document Revision:
Document Date:
NEC MultiSync® X462S
Version 1
May 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au, email contactus@nec.com.au or call 131 632
Warranty
3 year conditional warranty incl. backlight



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com