Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRK2000DTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # SRK2000DTR
Description  Synchronous rectifier smart driver for LLC resonant converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2000DTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SRK2000DTR Datasheet HTML 2Page - STMicroelectronics SRK2000DTR Datasheet HTML 3Page - STMicroelectronics SRK2000DTR Datasheet HTML 4Page - STMicroelectronics SRK2000DTR Datasheet HTML 5Page - STMicroelectronics SRK2000DTR Datasheet HTML 6Page - STMicroelectronics SRK2000DTR Datasheet HTML 7Page - STMicroelectronics SRK2000DTR Datasheet HTML 8Page - STMicroelectronics SRK2000DTR Datasheet HTML 9Page - STMicroelectronics SRK2000DTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Maximum ratings
SRK2000
6/19
DocID17811 Rev 4
3
Maximum ratings
4
Typical application schematic
Figure 4. Typical application schematic
Table 3. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VCC
8
DC supply voltage
-0.3 to VCCZ
V
ICCZ
8
Internal Zener maximum current
25
mA
---
2, 3, 4
Analog inputs voltage rating
-0.3 to VCCZ
V
IDVS1,2_sk
3, 4
Analog inputs max. sink current (single pin)
25
mA
IDVS1,2_sr
3, 4
Analog inputs max. source current (single pin)
-5
mA
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Max. thermal resistance, junction to ambient
150
°C/W
Ptot
Power dissipation at TA = 50 °C
0.65
W
TJ
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com