Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRK2001A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SRK2001A
Description  Auto-compensation of parasitic inductance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001A Datasheet(HTML) 1 Page - STMicroelectronics

  SRK2001A Datasheet HTML 1Page - STMicroelectronics SRK2001A Datasheet HTML 2Page - STMicroelectronics SRK2001A Datasheet HTML 3Page - STMicroelectronics SRK2001A Datasheet HTML 4Page - STMicroelectronics SRK2001A Datasheet HTML 5Page - STMicroelectronics SRK2001A Datasheet HTML 6Page - STMicroelectronics SRK2001A Datasheet HTML 7Page - STMicroelectronics SRK2001A Datasheet HTML 8Page - STMicroelectronics SRK2001A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
June 2016
DocID029495 Rev 1
1/20
SRK2001A
Adaptive synchronous rectification controller for LLC resonant
converter
Datasheet
- production data
Features
 Secondary side synchronous rectification
controller optimized for LLC resonant converter
 Dual gate driver for N-channel MOSFETs
 Adaptive turn-off logic
 Turn-on logic with adaptive masking time
 Auto-compensation of parasitic inductance
 Low consumption mode: 50 µA quiescent
current
 VCC operating voltage range 4.5 V to 32 V
 High voltage drain-to-source Kelvin sensing for
each SR MOSFET
 Operating frequency up to 500 kHz
 Programmable exit load levels from burst-
mode
 SSOP10 package
Applications
 AC-DC adapters
 All-in-one PC
 High-end flat panel TV
 80+/85+ compliant ATX SMPS
 90+/92+ compliant SERVER SMPS
 Industrial SMPS
Description
The SRK2001A controller implements a control
scheme specific for secondary side synchronous
rectification in LLC resonant converters that use a
transformer with center tap secondary winding for
full wave rectification.
It provides two high current gate drive outputs,
each capable of directly driving N-channel power
MOSFETs. Each gate driver is controlled
separately and an interlock logic circuit prevents
the two synchronous rectifier MOSFETs from
conducting simultaneously.
The driver high-level voltage is clamped to 11 V in
order to avoid providing excessive gate charge to
SR MOSFETs, in case the device is supplied at
higher VCC voltages.
The control scheme in this IC provides for each
synchronous rectifier being switched on as the
corresponding half-winding starts conducting and
switched off as its current goes to zero.
The turn-on logic with adaptive masking time (up
to 10% of clock cycle) and innovative adaptive
turn-off logic allow maximizing the conduction
time of the SR MOSFETs, eliminating the need of
the parasitic inductance compensation circuit.
The low consumption mode of the device allows
to meet the most stringent requirement for
converter power consumption in light-load and no
load conditions.
A noticeable feature is the very low external
component count required.
Table 1. Order codes
Part number
Package
Packing
SRK2001A
SSO10P
Tube
SRK2001ATR
Tape and reel
www.st.com


Similar Part No. - SRK2001A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
Adaptive synchronous rectification controller for LLC resonant converter
12-May-2015
More results

Similar Description - SRK2001A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
ZL8101 XICOR-ZL8101 Datasheet
928Kb / 36P
Adaptive Digital DC/DC PWM Controller with Auto Compensation
logo
List of Unclassifed Man...
CMFB39Z103JNT ETC2-CMFB39Z103JNT Datasheet
664Kb / 4P
Temperature compensation of IC, LCD
logo
ATMEL Corporation
M67204F ATMEL-M67204F_14 Datasheet
77Kb / 5P
Empty Flag Parasitic Pulse
M67204H ATMEL-M67204H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
M672061H ATMEL-M672061H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
logo
M/A-COM Technology Solu...
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
Low Parasitic Capacitance and Inductance
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
Low Parasitic Capacitance and Inductance
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
Ultra Low Parasitic Capacitance and Inductance
logo
Renesas Technology Corp
ZL6105 RENESAS-ZL6105 Datasheet
1Mb / 35P
Digital DC/DC Controller with Drivers and Auto Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com