Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10RIA Datasheet(PDF) 2 Page - International Rectifier

Part # 10RIA
Description  MEDIUM POWER THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10RIA Datasheet(HTML) 2 Page - International Rectifier

  10RIA Datasheet HTML 1Page - International Rectifier 10RIA Datasheet HTML 2Page - International Rectifier 10RIA Datasheet HTML 3Page - International Rectifier 10RIA Datasheet HTML 4Page - International Rectifier 10RIA Datasheet HTML 5Page - International Rectifier 10RIA Datasheet HTML 6Page - International Rectifier 10RIA Datasheet HTML 7Page - International Rectifier 10RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
10RIA Series
Bulletin I2405 rev. A 07/00
2
www.irf.com
I
T(AV)
Max. average on-state current
10
A
180° conduction, half sine wave
@ Case temperature
85
°C
I
T(RMS) Max. RMS on-state current
25
A
I
TSM
Max. peak, one-cycle
225
t = 10ms
No voltage
non-repetitive surge current
240
t = 8.3ms
reapplied
190
t = 10ms
100% V
RRM
200
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
255
t = 10ms
No voltage
Initial T
J = TJ max.
233
t = 8.3ms
reapplied
180
t = 10ms
100% V
RRM
165
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
2550
A2
√s
t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1 Low level value of threshold
1.10
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
voltage
V
T(TO)
2 High level value of threshold
1.39
(I >
π x I
T(AV)), TJ = TJ max.
voltage
r
t1
Low level value of on-state
24.3
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
slope resistance
r
t2
High level value of on-state
16.7
(I >
π x I
T(AV)), TJ = TJ max.
slope resistance
V
TM
Max. on-state voltage
1.75
V
I
pk= 32A, TJ = 25°C tp = 10ms sine pulse
I
H
Maximum holding current
130
I
L
Typical latching current
200
Parameter
10RIA
Units
Conditions
On-state Conduction
A2s
m
Ω
V
A
mA
T
J = 25°C, anode supply 12V resistive load
Voltage
V
DRM/VRRM, max. repetitive
V
RSM , maximum non-
I
DRM/IRRM max.
Type number
Code
peak and off-state voltage (1)
repetitive peak voltage (2)
@ T
J = TJ max.
VV
mA
10
100
150
20
20
200
300
40
400
500
60
600
700
10RIA
80
800
900
10
100
1000
1100
120
1200
1300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
(1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20A/µs
(2) For voltage pulses with t
p ≤ 5ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com