Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 238 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 238 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 234Page - STMicroelectronics ST10F296TR Datasheet HTML 235Page - STMicroelectronics ST10F296TR Datasheet HTML 236Page - STMicroelectronics ST10F296TR Datasheet HTML 237Page - STMicroelectronics ST10F296TR Datasheet HTML 238Page - STMicroelectronics ST10F296TR Datasheet HTML 239Page - STMicroelectronics ST10F296TR Datasheet HTML 240Page - STMicroelectronics ST10F296TR Datasheet HTML 241Page - STMicroelectronics ST10F296TR Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
System reset
ST10F296E
238/346
Table 133 and Figure 92 shows the start-up configurations and some system features that are selected
on reset sequences. Table 133 describes the system configurations latched onto Port 0 in the six different
reset modes. Figure 92 summarizes the state of the Port 0 bits latched in the RP0H, SYSCON, and
BUSCON0 registers.
Software reset(2)
x
0
N
Synch.
Not activated
000
10
x
0
N
Synch.
Not activated
000
10
0
1
Y
Synch.
Not activated
000
10
1
1
Y
Synch.
Activated by internal logic for 1024 TCL
0
0
0
1
0
Watchdog
reset(2)
x
0
N
Synch.
Not activated
000
11
x
0
N
Synch.
Not activated
000
11
0
1
Y
Synch.
Not activated
000
11
1
1
Y
Synch.
Activated by internal logic for 1024 TCL
0
0
0
1
1
1.
A software hardware reset can degenerate into a long hardware reset and is consequently flagged differently (see
Section 20.3 for details).
2.
When bidirectional reset is active (and RPD = 0), it can be followed by a short hardware reset and is consequently flagged
differently (see Section 20.6 for details).
Table 132.
Reset events summary
Event
RSTIN
WDTCON flags
Min
Max
Table 133.
Latched configurations of Port 0 for the different reset events(1)
Sample event
Port 0
Software reset
-
-
-
X
XXXX
XX
-
-
----
Watchdog reset
-
-
-
X
XXXX
XX
-
-
----
Synchronous short hardware
reset
-
-
-
X
XXXX
XXXX
XXXX
Synchronous long hardware
reset
XXXX
XXXX
XXXX
XXXX
Asynchronous hardware reset
XXXX
XXXX
XXXX
XXXX
Asynchronous power-on reset
XXXX
XXXX
XXXX
XXXX
1.
X: Pin is sampled; -: Pin is not sampled.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com