Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 241 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 241 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 237Page - STMicroelectronics ST10F296TR Datasheet HTML 238Page - STMicroelectronics ST10F296TR Datasheet HTML 239Page - STMicroelectronics ST10F296TR Datasheet HTML 240Page - STMicroelectronics ST10F296TR Datasheet HTML 241Page - STMicroelectronics ST10F296TR Datasheet HTML 242Page - STMicroelectronics ST10F296TR Datasheet HTML 243Page - STMicroelectronics ST10F296TR Datasheet HTML 244Page - STMicroelectronics ST10F296TR Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Power reduction modes
241/346
21.2.1
Protected power-down mode
This mode is selected when the PWDCFG bit of the SYSCON register is cleared. Protected
power-down mode is only activated if the NMI pin is pulled low when executing the PWRDN
instruction. This mode is only deactivated with an external hardware reset on the RSTIN pin.
21.2.2
Interruptible power-down mode
This mode is selected when the PWDCFG bit of the SYSCON register is set (see
Section 23: Register set on page 248).
Interruptible power-down mode is only activated if all the enabled fast external interrupt pins
are at their inactive level (see Table 134: EXICON register description).
This mode is deactivated with an external reset applied to the RSTIN pin, with an interrupt
request applied to one of the fast external interrupt pins, with an interrupt generated by the
RTC, or with an interrupt generated by activity on the interfaces of the CAN and I2C
modules. To allow the internal PLL and clock to stabilize, the RSTIN pin must be held low
according the recommendations described in Section 20: System reset.
EXICON register
EXxIN inputs are normally sampled interrupt inputs. However, the power-down mode
circuitry uses them as level-sensitive inputs.
An EXxIN (x = 3...0) interrupt enable bit (bit CCxIE in the CCxIC register) does not need to
be set to bring the device out of power-down mode. An external RC circuit must be
connected to the RPD pin, as shown in Figure 93.
EXICON (F1C0h/E0h)
ESFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES
EXI2ES
EXI1ES
EXI0ES
R/W
R/W
R/W
R/W
R/WR/W
R/WR/W
Table 134.
EXICON register description
Bit
Bit name
Function
15-0
EXIxES
External interrupt x edge selection field (x = 7...0)
00: Fast external interrupts disabled (referred to as standard mode). The
EXxIN pin is not taken into account for entering/exiting power-down
mode.
01: Interrupt on positive edge (rising). Power-down mode is entered if
EXiIN = 0 and exited if EXxIN = 1 (referred to as ‘high’ active level).
10: Interrupt on negative edge (falling). Power-down mode is entered if
EXiIN = 1 and exited if EXxIN = 0 (referred to as ‘low’ active level).
11: Interrupt on any edge (rising or falling). Power-down mode is always
entered and is exited if EXxIN level changes.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com