Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 295 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 295 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 291Page - STMicroelectronics ST10F296TR Datasheet HTML 292Page - STMicroelectronics ST10F296TR Datasheet HTML 293Page - STMicroelectronics ST10F296TR Datasheet HTML 294Page - STMicroelectronics ST10F296TR Datasheet HTML 295Page - STMicroelectronics ST10F296TR Datasheet HTML 296Page - STMicroelectronics ST10F296TR Datasheet HTML 297Page - STMicroelectronics ST10F296TR Datasheet HTML 298Page - STMicroelectronics ST10F296TR Datasheet HTML 299Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
295/346
24.5
DC characteristics
VDD = 5 V ± 10 %, VSS = 0 V, TA = -40 to 125°C
Table 163.
DC characteristics
Symbol
Parameter
Test condition
Limit values
Unit
Min
Max
VIL (SR)
Input low voltage (TTL mode)
(except RSTIN, EA, NMI, RPD,
XTAL1, READY)
-
-0.3
0.8
V
VILS (SR)
Input low voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD,
XTAL1, READY)
-
-0.3
0.3 VDD
VIL1 (SR)
Input low voltage RSTIN, EA,
NMI, RPD
-
-0.3
0.3 VDD
VIL2 (SR)
Input low voltage XTAL1
(CMOS only)
Direct drive
mode
-0.3
0.3 VDD
VIL3 (SR)
Input low voltage READY
(TTL only)
--0.3
0.8
VIH (SR)
Input high voltage (TTL mode)
(except RSTIN, EA, NMI, RPD,
XTAL1)
-2.0
VDD + 0.3
VIHS (SR)
Input high voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD,
XTAL1)
-
0.7 VDD
VDD + 0.3
VIH1 (SR)
Input high voltage RSTIN, EA,
NMI, RPD
-
0.7 VDD
VDD + 0.3
VIH2 (SR)
Input high voltage XTAL1
(CMOS only)
Direct drive
mode
0.7 VDD
VDD + 0.3
V
VIH3 (SR)
Input high voltage READY
(TTL only)
-2.0
VDD + 0.3
VHYS (CC)
Input hysteresis (TTL mode)
(except RSTIN, EA, NMI, XTAL1,
RPD)
(1)
400
700
mV
VHYSS (CC)
Input hysteresis (CMOS mode)
(except RSTIN, EA, NMI, XTAL1,
RPD)
(1)
750
1400
VHYS1 (CC) Input hysteresis RSTIN, EA, NMI
(1)
750
1400
VHYS2 (CC) Input hysteresis XTAL1
(1)
050
VHYS3 (CC)
Input hysteresis READY
(TTL only)
(1)
400
700
VHYS4 (CC) Input hysteresis RPD
(1)
500
1500
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com