Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 296 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 296 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 292Page - STMicroelectronics ST10F296TR Datasheet HTML 293Page - STMicroelectronics ST10F296TR Datasheet HTML 294Page - STMicroelectronics ST10F296TR Datasheet HTML 295Page - STMicroelectronics ST10F296TR Datasheet HTML 296Page - STMicroelectronics ST10F296TR Datasheet HTML 297Page - STMicroelectronics ST10F296TR Datasheet HTML 298Page - STMicroelectronics ST10F296TR Datasheet HTML 299Page - STMicroelectronics ST10F296TR Datasheet HTML 300Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
296/346
VOL (CC)
Output low voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTIN,
RSTOUT)
IOL = 8 mA
IOL = 1 mA
-
0.4
0.05
V
VOL1 (CC)
Output low voltage
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
IOL1 = 4 mA
IOL1 = 0.5 mA
-
0.4
0.05
VOL2 (CC)
Output low voltage RPD
IOL2 = 85 µA
IOL2 = 80 µA
IOL2 = 60 µA
-
VDD
0.5 VDD
0.3 VDD
VOH (CC)
Output high voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTOUT)
IOH = -8 mA
IOH = -1 mA
VDD -0.8
VDD -0.08
-
VOH1 (CC)
Output high voltage(2)
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
IOH1 = -4 mA
IOH1 = -0.5 mA
VDD -0.8
VDD -0.08
-
VOH2 (CC)
Output high voltage RPD
IOH2 = -2 mA
IOH2 = -750 µA
IOH2 = -150 µA
0
0.3 VDD
0.5 VDD
-
| IOZ1 | (CC)
Input leakage current
(P5[15:0])(3)
--
±0.2
µA
| IOZ2 | (CC)
Input leakage current
(all except P5[15:0], P2.0, RPD)
--
±0.5
| IOZ3 | (CC)
Input leakage current (P2.0)(4)
--
+1.0
-0.5
| IOZ4 | (CC)
Input leakage current (RPD)
-
-
±3.0
| IOV1 | (SR)
Overload current (all except P2.0)
(1)(5)
-±5
mA
| IOV2 | (SR)
Overload current (P2.0)(4)
(1)(5)
-
+5
-1
mA
RRST (CC)
RSTIN pull-up resistor
100 k
Ω nominal
50
250
k
Ω
IRWH
Read/write inactive current(6)(7)
VOUT = 2.4 V
-
-40
µA
IRWL
Read/write active current (6)(8)
VOUT = 0.4 V
-500
-
IALEL
ALE inactive current(6)(7)
VOUT = 0.4 V
20
-
IALEH
ALE active current(6)(8)
VOUT = 2.4 V
-
300
IP6H
Port 6 inactive current
(P6[4:0])(6)(7)
VOUT = 2.4 V
-
-40
IP6L
Port 6 active current
(P6[4:0])(6)(8)
VOUT = 0.4 V
-500
-
Table 163.
DC characteristics (continued)
Symbol
Parameter
Test condition
Limit values
Unit
Min
Max
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com