Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 301 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 301 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 297Page - STMicroelectronics ST10F296TR Datasheet HTML 298Page - STMicroelectronics ST10F296TR Datasheet HTML 299Page - STMicroelectronics ST10F296TR Datasheet HTML 300Page - STMicroelectronics ST10F296TR Datasheet HTML 301Page - STMicroelectronics ST10F296TR Datasheet HTML 302Page - STMicroelectronics ST10F296TR Datasheet HTML 303Page - STMicroelectronics ST10F296TR Datasheet HTML 304Page - STMicroelectronics ST10F296TR Datasheet HTML 305Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
301/346
Erase suspend latency(7)
-30
30
µs
Erase suspend request rate(7)
20
20
20
ms
Min delay between two
requests
Set protection(7)
40
170
170
µs
1.
Values are after about 100 cycles due to testing routines (0 cycles for the final customer).
2.
The maximum program and erase times occur after the specified number of program/erase cycles. These maximum values
are characterized but not guaranteed.
3.
Word and double word programming times are provided as average values derived from a full sector programming time.
The absolute value of a word or double word programming time may be longer than the provided average value.
4.
Bank erase is obtained through a multiple sector erase operation (setting bits related to all sectors of the bank).
5.
Module erase is obtained through a sequence of two bank erase operations (since each module is composed of two
banks).
6.
Chip erase is obtained through a sequence of two module erase operations on the Imodule and Xmodule.
7.
Not 100% tested, guaranteed by design characterization.
Table 164.
Flash characteristics (continued)
Parameter
Typical
TA = 25 °C
Maximum
TA = 125 °C
Unit
Notes
0 cycles(1)
0 cycles(1)
100 k cycles(2)
Table 165.
Data retention characteristics
Number of program/erase cycles
(-40 °C
≤TA ≤125 °C)
Data retention time
(average ambient temperature 60 °C)
832 Kbyte
(code store)
64 Kbyte
(EEPROM emulation)(1)
1.
Two 64 Kbyte Flash sectors may be typically used to emulate up to 4, 8, or 16 Kbytes of EEPROM.
Therefore, in case of an emulation of a 16 Kbyte EEPROM, 100 000 Flash program/erase cycles are
equivalent to 800 000 EEPROM program/erase cycles. For an efficient use of the read while write feature
and/or EEPROM emulation, please refer to the dedicated application note (AN2061, EEPROM Emulation
with ST10F2xx) on www.st.com.
0 - 100
> 20 years
> 20 years
1,000
-
> 20 years
10,000
-
10 years
100,000
-
1 year
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com