Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 303 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 303 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 299Page - STMicroelectronics ST10F296TR Datasheet HTML 300Page - STMicroelectronics ST10F296TR Datasheet HTML 301Page - STMicroelectronics ST10F296TR Datasheet HTML 302Page - STMicroelectronics ST10F296TR Datasheet HTML 303Page - STMicroelectronics ST10F296TR Datasheet HTML 304Page - STMicroelectronics ST10F296TR Datasheet HTML 305Page - STMicroelectronics ST10F296TR Datasheet HTML 306Page - STMicroelectronics ST10F296TR Datasheet HTML 307Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
303/346
24.7.1
Conversion timing control
When a conversion starts, the capacitances of the converter are first loaded via the
respective analog input pin to the current analog input voltage. The time to load the
capacitances is referred to as the sample time. Next, the sampled voltage is converted into a
digital value in several successive steps which corresponds to the 10-bit resolution of the
ADC. During these steps the internal capacitances are repeatedly charged and discharged
via the VAREF pin.
The current that must be drawn from the sources for sampling and changing charges
depends on the duration of each step because the capacitors must reach their final voltage
level as close to the given time as possible. However, the maximum current that a source
can deliver depends on its internal resistance.
The amount of time that sampling and converting takes during conversion can be
programmed within a certain range in the ST10F296E relative to the CPU clock. The
absolute time consumed by the different conversion steps is therefore independent from the
general speed of the controller. This allows the device ADC to be adjusted to the properties
of the system.
Fast conversion can be achieved by programming the respective times to their absolute
possible minimum. This is preferable for scanning high frequency signals. However, the
internal resistance of the analog source and analog supply must be sufficiently low.
High internal resistance can be achieved by programming the respective times to a higher
value or to their possible maximum. This is preferable when using analog sources and
supplies with a high internal resistance to keep the current as low as possible. However, the
conversion rate in this case may be considerably lower.
The conversion times are programmed via the upper four bits of the ADCON register. Bit
fields ADCTC and ADSTC define the basic conversion time and in particular the partition
between the sample phase and comparison phases. Table 167 lists the possible
combinations. The timings refer to the unit TCL, where fCPU = 1/2 TCL. A complete
conversion time includes the conversion itself, the sample time and the time required to
transfer the digital value to the result register.
6.
DNL, INL, OFS and TUE are tested at VAREF = 5.0 V, VAGND = 0 V, VDD = 5.0 V. They are guaranteed by
design characterization for all other voltages within the defined voltage range. ‘LSB’ has a value of
VAREF/1024. The specified TUE (±2 LSB) is also guaranteed with an overload condition (see IOV
specification) occurring on a maximum of two unselected analog input pins if the absolute sum of input
overload currents on all analog input pins does not exceed 10 mA.
7.
The coupling factor is measured on a channel while the overload condition occurs on the adjacent
unselected channels with the overload current within the different specified ranges (for both positive and
negative injection current).
8.
Refer to Figure 99
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com