Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 319 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 319 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 315Page - STMicroelectronics ST10F296TR Datasheet HTML 316Page - STMicroelectronics ST10F296TR Datasheet HTML 317Page - STMicroelectronics ST10F296TR Datasheet HTML 318Page - STMicroelectronics ST10F296TR Datasheet HTML 319Page - STMicroelectronics ST10F296TR Datasheet HTML 320Page - STMicroelectronics ST10F296TR Datasheet HTML 321Page - STMicroelectronics ST10F296TR Datasheet HTML 322Page - STMicroelectronics ST10F296TR Datasheet HTML 323Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
319/346
24.8.12
PLL lock/unlock
If the PLL is unlocked for any reason during normal operation, an interrupt request to the
CPU is generated and the reference clock (oscillator) is automatically disconnected from the
PLL input. In this way, the PLL goes into free-running mode, providing the system with a
backup clock signal (free running frequency Ffree). This feature allows the device to recover
from a crystal failure occurrence without risking entering an undefined configuration. The
system is provided with a clock allowing the execution of the PLL unlock interrupt routine in
a safe mode.
The path between the reference clock and PLL input can be restored only by a hardware
reset or by a bidirectional software or watchdog reset event that forces the RSTIN pin low.
Note:
The external RC circuit on the RSTIN pin must be the right size to extend the duration of the
low pulse that locks the PLL before the level at the RSTIN pin is recognized as being high. A
bidirectional reset internally drives the RSTIN pin low for 1024 TCL (which is not sufficient to
lock the PLL when starting from free-running mode).
Conditions: VDD = 5 V ±10 %, TA = -40/125
oC.
24.8.13
Main oscillator specifications
Conditions: VDD = 5 V ±10 %, TA = -40/125 °C
Table 170.
PLL lock/unlock timing
Symbol
Parameter
Conditions
Value
Unit
Min
Max
TPSUP
PLL start-up time(1)
1.
Not 100% tested, guaranteed by design characterization.
Stable VDD and reference clock
-
300
µs
TLOCK
PLL lock-in time
Stable VDD and reference clock,
starting from free-running mode
-250
TJIT
Single period jitter(1)
(cycle to cycle = 2 TCL)
6 sigma time period variation
(peak to peak)
-500
+500
ps
Ffree
PLL free running frequency
Multiplication factors: 3, 4
Multiplication factors: 5, 8, 10, 16
250
500
2000
4000
kHz
Table 171.
Main oscillator specifications
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
gm
Oscillator transconductance
8
17
35
mA/V
VOSC
Oscillation amplitude(1)
1.
Not 100% tested, guaranteed by design characterization
Peak to peak
-
VDD -0.4
-
V
VAV
Oscillation voltage level(1)
Sine wave middle
-
VDD/2 - 0.25
-
tSTUP
Oscillator start-up time(1)
Stable VDD - crystal
-
3
4
ms
Stable VDD, resonator
-
2
3
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com