Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 317 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 317 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 313Page - STMicroelectronics ST10F296TR Datasheet HTML 314Page - STMicroelectronics ST10F296TR Datasheet HTML 315Page - STMicroelectronics ST10F296TR Datasheet HTML 316Page - STMicroelectronics ST10F296TR Datasheet HTML 317Page - STMicroelectronics ST10F296TR Datasheet HTML 318Page - STMicroelectronics ST10F296TR Datasheet HTML 319Page - STMicroelectronics ST10F296TR Datasheet HTML 320Page - STMicroelectronics ST10F296TR Datasheet HTML 321Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
317/346
24.8.9
PLL jitter
Two kinds of PLL jitter are defined:
Self referred single period jitter
Also called ‘period jitter’. It can be defined as the difference between the Tmax and Tmin,
where Tmax is the maximum time period of the PLL output clock and Tmin is the minimum
time period of the PLL output clock.
Self referred long term jitter
Also called ‘N period jitter’. It can be defined as the difference of Tmax and Tmin, where Tmax
is the maximum time difference between N + 1 clock rising edges and Tmin is the minimum
time difference between N + 1 clock rising edges. N should be kept sufficiently large to have
obtain long term jitter. N = 1 becomes the single period jitter.
Jitter at the PLL output is caused by:
●
Jitter in the input clock
●
Noise in the PLL loop
24.8.10
Jitter in the input clock
The PLL acts as a low pass filter for any jitter in the input clock. Input clock jitter, with the
frequencies within the PLL loop bandwidth, is passed to the PLL output and higher
frequency jitter (frequency > PLL bandwidth) is attenuated at 20 dB/decade.
24.8.11
Noise in the PLL loop
Noise is attributed to the following sources:
●
Device noise of the circuit in the PLL
●
Noise in the supply and substrate
Device noise of the circuit in the PLL
Long term jitter is inversely proportional to the bandwidth of the PLL. The wider the loop
bandwidth, the lower the jitter, due to noise in the loop. Moreover, long term jitter is
practically independent of the multiplication factor.
The most noise sensitive circuit in the PLL is the VCO. There are two main sources of noise:
Thermal (random and frequency independent noise) and flicker (low frequency noise, 1/f).
For the frequency characteristics of the VCO circuitry, the effect of the thermal noise results
in a 1/f2 region in the output noise spectrum, while the flicker noise results in 1/f3. Assuming
a noiseless PLL input and supposing that the VCO is dominated by its 1/f2 noise, the root
mean square value of the accumulated jitter is proportional to the square root of N, where N
is the number of clock periods within the considered time interval.
On the contrary, assuming a noiseless PLL input and supposing that the VCO is dominated
by its 1/f3 noise, the RMS value of the accumulated jitter is proportional to N, where N is the
number of clock periods within the considered time interval.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com