Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 314 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 314 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 310Page - STMicroelectronics ST10F296TR Datasheet HTML 311Page - STMicroelectronics ST10F296TR Datasheet HTML 312Page - STMicroelectronics ST10F296TR Datasheet HTML 313Page - STMicroelectronics ST10F296TR Datasheet HTML 314Page - STMicroelectronics ST10F296TR Datasheet HTML 315Page - STMicroelectronics ST10F296TR Datasheet HTML 316Page - STMicroelectronics ST10F296TR Datasheet HTML 317Page - STMicroelectronics ST10F296TR Datasheet HTML 318Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
314/346
The limits on input frequency are 4-12 MHz since use of the internal oscillator amplifier is
required. When the PLL is not used and the CPU clock corresponds to FXTAL/2, an external
crystal or resonator must be used. It is not possible to force any clock though an external
clock source.
24.8.4
Prescaler operation
When pins P0.15-13 (P0H.7-5) equal 001 during reset, the CPU clock is derived from the
internal oscillator (input clock signal) by a 2:1 prescaler.
The frequency of fCPU is half the frequency of fXTAL and the high and low time of fCPU
(duration of an individual TCL) is defined by the period of the input clock fXTAL.
The timings listed in this section that refer to TCL can be calculated using the fXTAL period
for any TCL.
If the OWDDIS bit in the SYSCON register is cleared, the PLL runs on its free-running
frequency and delivers the clock signal for the oscillator watchdog. If the OWDDIS bit is set,
the PLL is switched off.
24.8.5
Direct drive
When pins P0.15-13 (P0H.7-5) equal 011 during reset, the on-chip PLL is disabled, the on-
chip oscillator amplifier is bypassed and the CPU clock is directly driven by the input clock
signal on the XTAL1 pin.
The frequency of the CPU clock (fCPU) directly follows the frequency of fXTAL, so, the high
and low time of fCPU (duration of an individual TCL) is defined by the duty cycle of the input
clock fXTAL.
Therefore, the timings given in this section refer to the minimum TCL. This minimum value
can be calculated using Equation 43.
Equation 43
Where DC = Duty cycle.
For two consecutive TCLs, the deviation caused by the duty cycle of fXTAL is compensated,
so, the duration of 2TCL is always 1/fXTAL.
The minimum value, TCLmin, is used only once for timings that require an odd number of
TCLs (1, 3, ...). Timings that require an even number of TCLs (2, 4, ...) may use Equation
44.
Equation 44
The address float timings in multiplexed bus mode (t11 and t45) use the maximum duration of
TCL (TCLmax = 1/fXTAL x DCmax) instead of TCLmin.
If the OWDDIS bit in the SYSCON register is cleared, the PLL runs on its free-running
frequency and delivers the clock signal for the oscillator watchdog. If the OWDDIS bit is set,
the PLL is switched off.
TCL
min
1f
XTAL
DC
min
×
⁄
=
2TCL
1
f
XTAL
⁄
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com