Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 313 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 313 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 309Page - STMicroelectronics ST10F296TR Datasheet HTML 310Page - STMicroelectronics ST10F296TR Datasheet HTML 311Page - STMicroelectronics ST10F296TR Datasheet HTML 312Page - STMicroelectronics ST10F296TR Datasheet HTML 313Page - STMicroelectronics ST10F296TR Datasheet HTML 314Page - STMicroelectronics ST10F296TR Datasheet HTML 315Page - STMicroelectronics ST10F296TR Datasheet HTML 316Page - STMicroelectronics ST10F296TR Datasheet HTML 317Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
313/346
Figure 104. Generation mechanisms for the CPU clock
24.8.3
Clock generation modes
Figure 168 associates combinations of the P0.15-13 (P0H.7-5) bits with the respective clock
generation mode.
The external clock input range refers to a CPU clock range of 1 to 64 MHz. In addition, PLL
use is limited to 4-12 MHz input frequency range. All configurations need a crystal (or
ceramic resonator) to generate the CPU clock through the internal oscillator amplifier (apart
from direct drive). On the contrary, the clock can be forced through an external clock source
only in direct drive mode (on-chip oscillator amplifier disabled, so no crystal or resonator can
be used).
TCL TCL
TCL TCL
fCPU
fXTAL
fCPU
fXTAL
PLL operation
Direct clock drive
TCL
TCL
fCPU
fXTAL
Prescaler operation
Table 168.
On-chip clock generator selections
P0.15-13
(P0H.7-5)
CPU frequency
fCPU = fXTAL x F
External clock
input range
Notes
11
1
FXTAL x 4
4 to 8 MHz
Default configuration
11
0
FXTAL x 3
5.3 to 10.6 MHz
10
1
FXTAL x 8
4 to 8 MHz
10
0
FXTAL x 5
6.4 to 12 MHz
01
1
FXTAL x 1
1 to 64 MHz
Direct drive (oscillator bypassed)(1)
1.
The maximum frequency of the external clock depends on the duty cycle of the external clock signal. When
64 MHz is used, 50 % duty cycle is granted (low phase = high phase = 7.8 ns). When 32 MHz is selected,
a 25 % duty cycle can be accepted (minimum, high or low phase = 7.8 ns).
01
0
FXTAL x 10
4 to 6.4 MHz
00
1
FXTAL/2
4 to 12 MHz
CPU clock via prescaler(1)
00
0
FXTAL x 16
4 MHz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com