Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3040J Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3040J
Description  TP3040, TP3040A PCM Monolithic Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3040J Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button TP3040J Datasheet HTML 2Page - National Semiconductor (TI) TP3040J Datasheet HTML 3Page - National Semiconductor (TI) TP3040J Datasheet HTML 4Page - National Semiconductor (TI) TP3040J Datasheet HTML 5Page - National Semiconductor (TI) TP3040J Datasheet HTML 6Page - National Semiconductor (TI) TP3040J Datasheet HTML 7Page - National Semiconductor (TI) TP3040J Datasheet HTML 8Page - National Semiconductor (TI) TP3040J Datasheet HTML 9Page - National Semiconductor (TI) TP3040J Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Connection Diagrams
Dual-In-Line Package
TLH6660 – 3
Top View
Order Number TP3040J or TP3040AJ
See NS Package J16A
or
TP3040N or TP3040AN
See NS Package N16A
Plastic Lead Chip Carrier
TLH6660 – 4
Order Number TP3040V or TP3040AV
See NS Package V20A
Description of Pin Functions
Symbol
Function
VFxIa
The non-inverting input to the transmit filter
stage
VFxIb
The inverting input to the transmit filter stage
GSx
The output used for gain adjustments of the
transmit filter
VFRO
The low power receive filter output This pin can
directly drive the receive port of an electronic hy-
brid
PWRI
The input to the receive filter differential power
amplifier
PWROa The non-inverting output of the receive filter pow-
er amplifier This output can directly interface
conventional transformer hybrids
PWROb The inverting output of the receive filter power
amplifier This output can be used with PWROa
to differentially drive a transformer hybrid
VBB
The negative power supply pin Recommended
input is b5V
VCC
The positive power supply pin The recommend-
ed input is 5V
VFRI
The input pin for the receive filter stage
Symbol
Function
GNDD
Digital ground input pin All digital signals are ref-
erenced to this pin
CLK
Master input clock Input frequency can be se-
lected as 2048 MHz 1544 MHz or 1536 MHz
PDN
The input pin used to power down the TP3040
TP3040A during idle periods Logic 1 (VCC) input
voltage causes a power down condition An inter-
nal pull-up is provided
CLK0
This input pin selects internal counters in accord-
ance with the CLK input clock frequency
CLK
Connect CLK0 to
2048 kHz
VCC
1544 kHz
GNDD
1536 kHz
VBB
An internal pull-up is provided
GNDA
Analog ground input pin All analog signals are
referenced to this pin Not internally connected
to GNDD
VFxO
The output of the transmit filter stage
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com