Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7260XX Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7260XX
Description  Low speed USB 8-bit MCU family with up to 8K Flash
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260XX Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7260XX Datasheet HTML 16Page - STMicroelectronics ST7260XX Datasheet HTML 17Page - STMicroelectronics ST7260XX Datasheet HTML 18Page - STMicroelectronics ST7260XX Datasheet HTML 19Page - STMicroelectronics ST7260XX Datasheet HTML 20Page - STMicroelectronics ST7260XX Datasheet HTML 21Page - STMicroelectronics ST7260XX Datasheet HTML 22Page - STMicroelectronics ST7260XX Datasheet HTML 23Page - STMicroelectronics ST7260XX Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 139 page
background image
Flash program memory
ST7260xx
20/139
5.5
ICP (in-circuit programming)
To perform ICP the microcontroller must be switched to ICC (in-circuit communication) mode
by an external controller or programming tool.
Depending on the ICP code downloaded in RAM, Flash memory programming can be fully
customized (number of bytes to program, program locations, or selection serial
communication interface for downloading).
When using an STMicroelectronics or third-party programming tool that supports ICP and
the specific microcontroller device, the user needs only to implement the ICP hardware
interface on the application board (see Figure 6). For more details on the pin locations, refer
to the device pinout description.
5.6
IAP (in-application programming)
This mode uses a BootLoader program previously stored in Sector 0 by the user (in ICP
mode or by plugging the device in a programming tool).
This mode is fully controlled by user software. This allows it to be adapted to the user
application, (such as user-defined strategy for entering programming mode, choice of
communications protocol used to fetch the data to be stored). For example, it is possible to
download code from the SCI, or USB interface and program it in the Flash. IAP mode can be
used to program any of the Flash sectors except Sector 0, which is write/erase protected to
allow recovery in case errors occur during the programming operation.
5.7
Related documentation
For details on Flash programming and ICC protocol, refer to the ST7 Flash Programming
Reference Manual and to the ST7 ICC Protocol Reference Manual.
5.7.1
Flash control/status register (FCSR)
This register is reserved for use by programming tool software. It controls the Flash
programming and erasing operations.
FCSR
Reset value:
0000 0000 (00h)
76
543
21
0
00
000
00
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 7.
Flash control/status register address and reset value
Address (Hex)
Register label
7
6
5
4
3
2
1
0
0037h
FCSR reset value
0
00
00
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com