Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 211 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 211 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 207Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 208Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 209Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 210Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 211Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 212Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 213Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 214Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 243 page
background image
ST72321xx-Auto
Electrical characteristics
Doc ID 13829 Rev 1
211/243
19.11
Communication interface characteristics
19.11.1
SPI (serial peripheral interface)
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Refer to Section 19.8: I/O port pin characteristics for more details on the input/output
alternate function characteristics (SS, SCK, MOSI, MISO).
Table 132.
SPI characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master, fCPU =8MHz
fCPU/128 = 0.0625
fCPU/4 = 2
MHz
Slave, fCPU =8MHz
0
fCPU/2 = 4
tr(SCK)
tf(SCK)
SPI clock rise and fall time
see I/O port pin description
tsu(SS)
(1)
SS setup time(2)
Slave
tCPU + 50
ns
th(SS)
(1)
SS hold time
Slave
120
tw(SCKH)
(1)
tw(SCKL)
(1)
SCK high and low time
Master
Slave
100
90
tsu(MI)
(1)
tsu(SI)
(1)
Data input setup time
Master
Slave
100
100
th(MI)
(1)
th(SI)
(1)
Data input hold time
Master
Slave
100
100
ta(SO)
(1)
Data output access time
Slave
0
120
tdis(SO)
(1)
Data output disable time
Slave
240
tv(SO)
(1)
Data output valid time
Slave (after enable edge)
120
th(SO)
(1)
Data output hold time
0
tv(MO)
(1)
Data output valid time
Master (after enable edge)
120
tCPU
th(MO)
(1)
Data output hold time
0
1.
Data based on design simulation and/or characterization results, not tested in production.
2.
Depends on fCPU. For example, if fCPU = 8 MHz, then tCPU = 1 / fCPU = 125 ns and tsu(SS) = 175 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com