Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 214 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 214 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 210Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 211Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 212Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 213Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 214Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 215Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 216Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 217Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 243 page
background image
Electrical characteristics
ST72321xx-Auto
214/243
Doc ID 13829 Rev 1
19.11.2
I2C - inter IC control interface
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Refer to Section 19.8: I/O port pin characteristics for more details on the input/output
alternate function characteristics (SDAI and SCLI). The ST7 I2C interface meets the
requirements of the standard I2C communication protocol described in the following table.
Table 133.
I2C control interface characteristics
Symbol
Parameter
Standard mode I2CFast mode I2C(1)
Unit
Min(2)
Max(2)
Min(2)
Max(2)
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0(3)
0(4)
900(3)
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
20+0.1Cb
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
th(STA)
START condition hold time
4.0
0.6
µs
tsu(STA)
Repeated START condition setup time
4.7
tsu(STO)
STOP condition setup time
4.0
tw(STO:STA) STOP to START condition time (bus free)
4.7
1.3
Cb
Capacitive load for each bus line
400
400
pF
1.
At 4 MHz fCPU, maximum I
2C speed (400 kHz) is not achievable. In this case, maximum I2C speed will be approximately
260 kHz.
2.
Data based on standard I2C protocol requirement, not tested in production.
3.
The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of SCL
signal.
4.
The device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the undefined region
of the falling edge of SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com