Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 217 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 217 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 213Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 214Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 215Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 216Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 217Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 218Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 219Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 220Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 243 page
background image
ST72321xx-Auto
Electrical characteristics
Doc ID 13829 Rev 1
217/243
Figure 99.
Typical A/D converter application
19.12.1
Analog power supply and reference pins
Depending on the MCU pin count, the package may feature separate VAREF and VSSA
analog power supply pins. These pins supply power to the A/D converter cell and function
as the high and low reference voltages for the conversion.
Separation of the digital and analog power pins allow board designers to improve A/D
performance. Conversion accuracy can be impacted by voltage drops and noise in the event
of heavily loaded or badly decoupled power supply lines (see Section 19.12.2: General PCB
design guidelines).
Figure 97.
RAIN maximum versus fADC with
CAIN =0pF
(1)
Figure 98.
Recommended CAIN and RAIN
values(1)
1.
CPARASITIC represents the capacitance of the PCB
(dependent on soldering and PCB layout quality) plus
the pad capacitance (3pF). A high CPARASITIC value will
downgrade conversion accuracy. To remedy this, fADC
should be reduced.
1.
This graph shows that, depending on the input signal
variation (fAIN), CAIN can be increased for stabilization
time and decreased to allow the use of a larger serial
resistor (RAIN).
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
2 MHz
1 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF
AINx
ST72XXX
VDD
Ilkg
VT
0.6V
VT
0.6V
CADC
12pF
VAIN
RAIN
10-bit A/D
conversion
2k
max
CAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com