Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 219 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 219 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 215Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 216Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 217Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 218Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 219Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 220Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 221Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 222Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 243 page
background image
ST72321xx-Auto
Electrical characteristics
Doc ID 13829 Rev 1
219/243
19.12.3
ADC accuracy
Conditions: VDD =5V
(1)
Figure 101. ADC error classification
Table 136.
ADC accuracy
Symbol
Parameter(1)
1.
ADC Accuracy versus Negative Injection Current: Injecting negative current may reduce the accuracy of
the conversion being performed on another analog input.
Any positive injection current within the limits specified for IINJ(PIN) and IINJ(PIN) in Section 19.8 does not
affect the ADC accuracy.
Conditions
Typ
Max(2)
2.
Data based on characterization results, monitored in production to guarantee 99.73% within ± max value
from -40°C to 125°C (± 3
distribution limits).
Unit
|ET|
Total unadjusted error
CPU in run mode @ fADC 2 MHz
34
LSB
|EO|
Offset error
2
3
|EG|
Gain error
0.5
3
|ED|
Differential linearity error
12
|EL|
Integral linearity error
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
AREF
V
SSA
–
1024
--------------------------------------------
=
Vin (LSBIDEAL)
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
234
567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VAREF
VSSA
Legend:
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET = Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO = Offset Error: deviation between the first
actual transition and the first ideal one.
EG = Gain Error: deviation between the last ideal
transition and the last actual one.
ED = Differential Linearity Error: maximum
deviation between actual steps and the ideal
one.
EL = Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com