Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321AR7-Auto Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72321AR7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto Datasheet(HTML) 1 Page - STMicroelectronics

  ST72321AR7-Auto Datasheet HTML 1Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 2Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 3Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 4Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 5Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 6Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 7Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 8Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 243 page
background image
August 2010
Doc ID 13829 Rev 1
1/243
1
ST72321xx-Auto
8-bit MCU for automotive with 32/60 Kbyte Flash/ROM,
ADC, 5 timers, SPI, SCI, I2C interface
Features
Memories
■ 32 to 60 Kbyte dual voltage High Density Flash
(HDFlash) or ROM ROM with readout
protection capability. In-application
programming and in-circuit programming for
HDFlash devices
■ 1 to 2 Kbyte RAM
■ HDFlash endurance: 100 cycles, data retention
20 years
Clock, reset and supply management
■ Enhanced low voltage supervisor (LVD) for
main supply and auxiliary voltage detector
(AVD) with interrupt capability
■ Clock sources: crystal/ceramic resonator
oscillators, internal RC oscillator and bypass
for external clock
■ PLL for 2x frequency multiplication
■ 4 power saving modes: Halt, Active Halt, Wait
and Slow
Interrupt management
■ Nested interrupt controller
■ 14 interrupt vectors plus TRAP and RESET
■ Top Level Interrupt (TLI) pin on 64-pin devices
■ 15 external interrupt lines (on 4 vectors)
1 analog peripheral
■ 10-bit ADC with up to 16 input ports
Up to 48 I/O ports
■ 48//32 multifunctional bidirectional I/O lines
■ 34//22 alternate function lines
■ 16//12 high sink outputs
5 timers
■ Main clock controller with Real-time base,
Beep and Clock-out capabilities
■ Configurable watchdog timer
■ Two 16-bit timers with 2 input captures, 2
output compares, external clock input on 1
timer, PWM and pulse generator modes
■ 8-bit PWM auto-reload timer with 2 input
captures, 4 PWM outputs, output compare and
time base interrupt, external clock with event
detector
3 communications interfaces
■ SPI synchronous serial interface
■ SCI asynchronous serial interface
■ I2C multimaster interface
Instruction set
■ 8-bit data manipulation
■ 63 basic instructions
■ 17 main addressing modes
■ 8x8 unsigned multiply instruction
Development tools
■ Full hardware/software development package,
ICT capability
Table 1.
Device summary
Reference
Part number
ST72321xx-Auto
ST72321AR6-Auto,
ST72321R6-Auto,
ST72321AR7-Auto,
ST72321J7-Auto, ST72321R7-Auto
ST72321AR9-Auto,
ST72321J9-Auto, ST72321R9-Auto
LQFP64
10 x 10
LQFP64
14 x 14
LQFP44
10 x 10
www.st.com


Similar Part No. - ST72321AR7-Auto

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321AR7 STMICROELECTRONICS-ST72321AR7 Datasheet
4Mb / 189P
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
18-Oct-2004
ST72321AR7 STMICROELECTRONICS-ST72321AR7 Datasheet
2Mb / 185P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.9
ST72321AR7T1 STMICROELECTRONICS-ST72321AR7T1 Datasheet
4Mb / 189P
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
18-Oct-2004
ST72321AR7T5 STMICROELECTRONICS-ST72321AR7T5 Datasheet
4Mb / 189P
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
18-Oct-2004
ST72321AR7T6 STMICROELECTRONICS-ST72321AR7T6 Datasheet
4Mb / 189P
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
18-Oct-2004
More results

Similar Description - ST72321AR7-Auto

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
PLL frequency synthesizer for tuners
logo
Samsung semiconductor
KS8808 SAMSUNG-KS8808 Datasheet
158Kb / 10P
PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8808A SAMSUNG-S5T8808A Datasheet
109Kb / 12P
PLL FREQUENCY SHNTHESIZER FOR PAGER
logo
Sanyo Semicon Device
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
Controller for PLL Frequency Synthesizer?
logo
Connor-Winfield Corpora...
VXHF-300 CONNOR-WINFIELD-VXHF-300 Datasheet
65Kb / 1P
VCXO USING FREQUENCY MULTIPLICATION
logo
Integrated Device Techn...
ICS501 IDT-ICS501 Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER Zero ppm multiplication error
logo
API Technologies Corp
X48 APITECH-X48 Datasheet
193Kb / 1P
Frequency Multipliers X2, X4, X8 & X48 Multiplication
X15 APITECH-X15 Datasheet
237Kb / 1P
Frequency Multipliers X15 Multiplication
X4 APITECH-X4 Datasheet
183Kb / 1P
Frequency Multipliers X4, X8 Multiplication
logo
Integrated Device Techn...
IDT8V19N486-02I IDT-IDT8V19N486-02I Datasheet
234Kb / 3P
Jitter attenuation and frequency multiplication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com