Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72325XXX Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST72325XXX
Description  SCI asynchronous serial interface
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325XXX Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST72325XXX Datasheet HTML 45Page - STMicroelectronics ST72325XXX Datasheet HTML 46Page - STMicroelectronics ST72325XXX Datasheet HTML 47Page - STMicroelectronics ST72325XXX Datasheet HTML 48Page - STMicroelectronics ST72325XXX Datasheet HTML 49Page - STMicroelectronics ST72325XXX Datasheet HTML 50Page - STMicroelectronics ST72325XXX Datasheet HTML 51Page - STMicroelectronics ST72325XXX Datasheet HTML 52Page - STMicroelectronics ST72325XXX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 243 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST72325xxx-Auto
Supply, reset and clock management
Doc ID 13770 Rev 3
49/243
In the case of a drop in voltage, the AVD interrupt acts as an early warning, allowing
software to shut down safely before the LVD resets the microcontroller. See Figure 16.
The interrupt on the rising edge is used to inform the application that the VDD warning state
is over.
If the voltage rise time trv is less than 256 or 4096 CPU cycles (depending on the reset delay
selected by option byte), no AVD interrupt will be generated when VIT+(AVD) is reached.
If trv is greater than 256 or 4096 cycles
●
two AVD interrupts will be received if the AVD interrupt is enabled before the VIT+(AVD)
threshold is reached: the first when the AVDIE bit is set, and the second when the
threshold is reached.
●
only one AVD interrupt will occur if the AVD interrupt is enabled after the VIT+(AVD)
threshold is reached.
Figure 16.
Using the AVD to monitor VDD (AVDS bit = 0)
Monitoring a voltage on the EVD pin
This mode is selected by setting the AVDS bit in the SICSR register.
The AVD circuitry can generate an interrupt when the AVDIE bit of the SICSR register is set.
This interrupt is generated on the rising and falling edges of the comparator output. This
means it is generated when either one of these two events occur:
●
VEVD rises up to VIT+(EVD)
●
VEVD falls down to VIT-(EVD)
The EVD function is illustrated in Figure 17.
For more details, refer to Section 19: Electrical characteristics.
VDD
VIT+(AVD)
VIT-(AVD)
AVDF bit
0
0
RESET VALUE
IF AVDIE bit = 1
Vhyst
AVD INTERRUPT
REQUEST
INTERRUPT PROCESS
INTERRUPT PROCESS
VIT+(LVD)
VIT-(LVD)
LVD RESET
Early Warning Interrupt
(Power has dropped, MCU not
not yet in reset)
1
1
trv VOLTAGE RISE TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com