Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R7-Auto Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST72321R7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7-Auto Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST72321R7-Auto Datasheet HTML 161Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 162Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 163Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 164Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 165Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 166Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 167Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 168Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 243 page
background image
ST72321xx-Auto
I2C bus interface (I2C)
Doc ID 13829 Rev 1
165/243
16.7.2
I2C status register 1 (SR1)
1STOP
Generation of a Stop condition
This bit is set and cleared by software. It is also cleared by hardware in master
mode.
Note: This bit is not cleared when the interface is disabled (PE = 0).
In Master mode
0: No stop generation
1: Stop generation after the current byte transfer or after the current Start condition
is sent. The STOP bit is cleared by hardware when the Stop condition is sent.
In Slave mode
0: No stop generation
1: Release the SCL and SDA lines after the current byte transfer (BTF = 1). In this
mode the STOP bit has to be cleared by software.
0ITE
Interrupt enable
This bit is set and cleared by software and cleared by hardware when the interface
is disabled (PE = 0).
0: Interrupts disabled
1: Interrupts enabled
Refer to Figure 69 and Table 82 for the relationship between the events and the
interrupt.
SCL is held low when the ADD10, SB, BTF or ADSL flags or an EV6 event (see
Figure 68) is detected.
Table 83.
CR register description (continued)
Bit
Name
Function
SR1
Reset value: 0000 0000 (00h)
76
543
21
0
EVF
ADD10
TRA
BUSY
BTF
ADSL
M/SL
SB
RO
RO
RO
RO
RO
RO
RO
RO
Table 84.
SR1 register description
Bit
Name
Function
7EVF
Event flag
This bit is set by hardware as soon as an event occurs. It is cleared by software
reading SR2 register in case of error event or as described in Figure 68. It is also
cleared by hardware when the interface is disabled (PE = 0).
0: No event
1: One of the following events has occurred:
- BTF = 1 (Byte received or transmitted)
- ADSL = 1 (Address matched in Slave mode while ACK = 1)
- SB = 1 (Start condition generated in Master mode)
- AF = 1 (No acknowledge received after byte transmission)
- STOPF = 1 (Stop condition detected in Slave mode)
- ARLO = 1 (Arbitration lost in Master mode)
- BERR = 1 (Bus error, misplaced Start or Stop condition detected)
- ADD10 = 1 (Master has sent header byte)
- Address byte successfully transmitted in Master mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com