Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R7-Auto Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST72321R7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7-Auto Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST72321R7-Auto Datasheet HTML 182Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 183Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 184Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 185Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 186Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 187Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 188Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 189Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 243 page
background image
Electrical characteristics
ST72321xx-Auto
186/243
Doc ID 13829 Rev 1
19.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
19.2.1
Voltage characteristics
Table 104.
Voltage characteristics
Symbol
Ratings
Maximum value
Unit
VDD - VSS
Supply voltage
6.5
V
VPP - VSS
Programming voltage
13
VIN
(1)
Input voltage on true open-drain pin
VSS - 0.3 to 6.5
Input voltage on any other pin
VSS - 0.3 to VDD +0.3
|
V
DDx| and |VSSx|
Variations between different digital power pins
50
mV
|VSSA - VSSx|
Variations between digital and analog ground pins
50
VESD(HBM)
Electrostatic discharge voltage (Human Body Model)
See Section 19.7.3 on page 202.
VESD(MM)
Electrostatic discharge voltage (Machine Model)
1.
Directly connecting the RESET and I/O pins to VDD or VSS could damage the device if an unintentional internal reset is
generated or an unexpected change of the I/O configuration occurs (for example, due to a corrupted program counter). To
guarantee safe operation, this connection has to be done through a pull-up or pull-down resistor (typical: 4.7k
 for RESET,
10k
 for I/Os). For the same reason, unused I/O pins must not be directly tied to V
DD or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com