Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R7-Auto Datasheet(PDF) 231 Page - STMicroelectronics

Part # ST72321R7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7-Auto Datasheet(HTML) 231 Page - STMicroelectronics

Back Button ST72321R7-Auto Datasheet HTML 227Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 228Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 229Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 230Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 231Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 232Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 233Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 234Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 243 page
background image
ST72321xx-Auto
Device configuration and ordering information
Doc ID 13829 Rev 1
231/243
21.3
Development tools
21.3.1
Introduction
Development tools for the ST7 microcontrollers include a complete range of hardware
systems and software tools from STMicroelectronics and third-party tool suppliers. The
range of tools includes solutions to help you evaluate microcontroller peripherals, develop
and debug your application, and program your microcontrollers.
21.3.2
Evaluation tools and starter kits
ST offers complete, affordable starter kits and full-featured evaluation boards that allow you
to evaluate microcontroller features and quickly start developing ST7 applications. Starter
kits are complete, affordable hardware/software tool packages that include features and
samples to help you quickly start developing your application. ST evaluation boards are
open-design, embedded systems, which are developed and documented to serve as
references for your application design. They include sample application software to help you
demonstrate, learn about and implement your ST7’s features.
21.3.3
Development and debugging tools
Application development for ST7 is supported by fully optimizing C Compilers and the ST7
Assembler-Linker toolchain, which are all seamlessly integrated in the ST7 integrated
development environments in order to facilitate the debugging and fine-tuning of your
application. The Cosmic C Compiler is available in a free version that outputs up to
16 Kbytes of code.
The range of hardware tools includes cost effective ST7-DVP3 series emulators. These
tools are supported by the ST7 Toolset from STMicroelectronics, which includes the STVD7
integrated development environment (IDE) with high-level language debugger, editor,
project manager and integrated programming interface.
21.3.4
Programming tools
During the development cycle, the ST7-DVP3 and ST7-EMU3 series emulators and the
RLink provide in-circuit programming capability for programming the Flash microcontroller
on your application board.
ST also provides a low-cost dedicated in-circuit programmer, the ST7-STICK, as well as
ST7 socket boards which provide all the sockets required for programming any of the
devices in a specific ST7 subfamily on a platform that can be used with any tool with in-
circuit programming capability for ST7.
For production programming of ST7 devices, ST’s third-party tool partners also provide a
complete range of gang and automated programming solutions, which are ready to integrate
into your production environment.
For additional ordering codes for spare parts, accessories and tools available for the ST7
(including from third party manufacturers), refer to the online product selector at
www.st.com/mcu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com