Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R7-Auto Datasheet(PDF) 240 Page - STMicroelectronics

Part # ST72321R7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7-Auto Datasheet(HTML) 240 Page - STMicroelectronics

Back Button ST72321R7-Auto Datasheet HTML 235Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 236Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 237Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 238Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 239Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 240Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 241Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 242Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 243Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 240 / 243 page
background image
Known limitations
ST72321xx-Auto
240/243
Doc ID 13829 Rev 1
22.1.9
TIMD set simultaneously with OC interrupt
If the 16-bit timer is disabled at the same time the output compare event occurs, the output
compare flag then gets locked and cannot be cleared before the timer is enabled again.
Impact on the application
If the output compare interrupt is enabled, then the output compare flag cannot be cleared in
the timer interrupt routine. Consequently, the interrupt service routine is called repeatedly.
Workaround
Disable the timer interrupt before disabling the timer. Again while enabling, first enable the
timer, then the timer interrupts.
●
Perform the following to disable the timer:
–
TACR1 or TBCR1 = 0x00h; // Disable the compare interrupt
–
TACSR | or TBCSR | = 0x40; // Disable the timer
●
Perform the following to enable the timer again:
–
TACSR & or TBCSR & = ~0x40; // Enable the timer
–
TACR1 or TBCR1 = 0x40; // Enable the compare interrupt
22.1.10
I2C multimaster
In multimaster configurations, if the ST7 I2C receives a START condition from another I2C
master after the START bit is set in the I2CCR register and before the START condition is
generated by the ST7 I2C, it may ignore the START condition from the other I2C master. In
this case, the ST7 master will receive a NACK from the other device. On reception of the
NACK, ST7 can send a restart and Slave address to re-initiate communication.
22.1.11
Readout protection with LVD
The LVD is not supported if readout protection is enabled
22.2
All Flash devices
22.2.1
Internal RC oscillator with LVD
The internal RC can only be used if LVD is enabled.
22.3
Limitations specific to ROM devices
22.3.1
LVD operation
Depending on the operating conditions, especially the VDD ramp up speed and ambient
temperature, in some cases the LVD may not start. When this occurs, the MCU may operate
outside the guaranteed functional area (see Figure 73) without being forced into reset state.
In this case, proper use of the watchdog may make it possible to recover through a
watchdog reset and allow normal operations to resume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com