Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72345C4 Datasheet(PDF) 169 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 165Page - STMicroelectronics ST72345C4 Datasheet HTML 166Page - STMicroelectronics ST72345C4 Datasheet HTML 167Page - STMicroelectronics ST72345C4 Datasheet HTML 168Page - STMicroelectronics ST72345C4 Datasheet HTML 169Page - STMicroelectronics ST72345C4 Datasheet HTML 170Page - STMicroelectronics ST72345C4 Datasheet HTML 171Page - STMicroelectronics ST72345C4 Datasheet HTML 172Page - STMicroelectronics ST72345C4 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
169/247
SDA/SCL line control
●
When the I2C3S interface is enabled, the SDA and SCL ports must be configured as
floating inputs. In this case, the value of the external pull-up resistor used depends on
the application.
●
When the I2C3S interface is disabled, the SDA and SCL ports revert to being standard
I/O port pins.
Figure 72.
I2C bus protocol
11.7.4
Functional description
The three slave addresses 1, 2 and 3 can be used as general purpose I2C slaves. They also
support all features of standard I2C EEPROMs like the ST M24Cxx family and are able to
fully emulate them.
Slaves 1 and 2 are mapped on the same interrupt vector. Slave 3 has a separate interrupt
vector with higher priority.
The three slave addresses are defined by writing the 7 MSBs of the address in the
I2C3SSAR1, I2C3SSAR2 and I2C3SSAR3 registers. The slaves are enabled by setting the
enable bits in the same registers.
Each slave has its own RAM buffer at a fixed location in the ST7 RAM area.
●
Slaves 1 and 2 have 256-byte buffers which can be individually protected from I2C
master write accesses.
●
Slave 3 has a 128-byte RAM buffer without write protection feature.
All three slaves have individual read flags (RF) and write flags (WF) with maskable
interrupts. These flags are set when the I2C master has completed a read or write operation.
Paged operation
To allow emulation of Standard I2C EEPROM devices, pages can be defined in the RAM
buffer. The pages are configured using the PL[1:0] bits in the I2C3SCR1 register. 8/16-Byte
page length has to be selected depending on the EEPROM device to emulate. The Full
Page option is to be used when no paging of the RAM buffer is required. The configuration is
common to the 3 slave addresses. The Full Page configuration corresponds to 256 bytes for
address 1 and 2 and to 128 bytes for address 3.
Paging affects the handling of rollover when write operations are performed. In case the
bottom of the page is reached, the write continues from the first address of the same page.
Page length does not affect read operations: rollover is done on the whole RAM buffer
whatever the configured page length.
SCL
SDA
12
8
9
MSB
ACK
Stop
Start
condition
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com