Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72345C4 Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 166Page - STMicroelectronics ST72345C4 Datasheet HTML 167Page - STMicroelectronics ST72345C4 Datasheet HTML 168Page - STMicroelectronics ST72345C4 Datasheet HTML 169Page - STMicroelectronics ST72345C4 Datasheet HTML 170Page - STMicroelectronics ST72345C4 Datasheet HTML 171Page - STMicroelectronics ST72345C4 Datasheet HTML 172Page - STMicroelectronics ST72345C4 Datasheet HTML 173Page - STMicroelectronics ST72345C4 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
170/247
Doc ID 12321 Rev 6
The Byte count register is reset when it reaches 256 bytes, whatever the page length, for all
slave addresses, including slave 3.
DMA
The I2C slaves use a DMA controller to write/read data to/from their RAM buffer.
A DMA request is issued to the DMA controller on reception of a byte or just before
transmission of a byte.
When a byte is written by DMA in RAM, the CPU is stalled for max. 2 cycles. When several
bytes are transferred from the I2C bus to RAM, the DMA releases between each byte and
the CPU resumes processing until the DMA writes the next byte.
RAM buffer write protection
By setting the WP1/WP2 bits in the I2C3SCR2 register, it is possible to protect the RAM
buffer of Slaves 1/2 respectively against write access from the master.
If a write operation is attempted, the slave address is acknowledged, the current address
register is overwritten, data is also acknowledged but it is not written to the RAM. Both the
current address and byte count registers are incremented as in normal operation.
In case of write access to a write protected address, no interrupt is generated and the
BusyW bit in the I2C3SCR2 register is not set.
Only write operations are disabled/enabled. Read operations are not affected.
Byte-pair coherency for I2C read operations
Byte-pair coherency allows the I2C master to read a 16-bit word and ensures that it is not
corrupted by a simultaneous CPU update. Two mechanisms are implemented, covering the
two possible cases:
1.
CPU updates a word in RAM after the first byte has been transferred to the I2C shift
register from RAM. In this case, the first byte read from RAM would be the MSB of the
old word and 2nd byte would be the LSB of the new word.
To prevent this corruption, the I2C3S uses DMA to systematically read a 2-byte word
when it receives a read command from the I2C master. The MSB of the word should be
at address 2n. Using DMA, the MSB is moved from RAM address 2n to the I2C shift
register and the LSB from RAM address 2n+1 moved to a shadow register in the I2C3S
peripheral. The CPU is stalled for a maximum of 2 cycles during word transfer.
In case only one byte is read, the unused content of the shadow register will be
automatically overwritten when a new read operation is performed.
In case a second byte is read in the same I2C message (no Stop or Restart condition),
the content of the shadow register is transferred to the shift register and transmitted to
the master.
This process continues until a Stop or Restart condition occurs.
2.
I2C3S attempts to read a word while the CPU is updating the RAM buffer. To prevent
data corruption, the CPU must switch operation to Word mode prior to updating a word
in the RAM buffer. Word mode is enabled by software using the B/W bit in the
I2C3SCR2 register. In Word mode, when the CPU writes the MSB of a word to address
2n, it is stored in a shadow register rather than being actually written in RAM. When the
CPU writes the second byte (the LSB) at address 2n+1, it is directly written in RAM.
The next cycle after the write to address 2n+1, the MSB is automatically written from
the shadow register to RAM address 2n. DMA is disabled for a 1 cycle while the CPU is
writing a word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com