Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72345C4 Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 170Page - STMicroelectronics ST72345C4 Datasheet HTML 171Page - STMicroelectronics ST72345C4 Datasheet HTML 172Page - STMicroelectronics ST72345C4 Datasheet HTML 173Page - STMicroelectronics ST72345C4 Datasheet HTML 174Page - STMicroelectronics ST72345C4 Datasheet HTML 175Page - STMicroelectronics ST72345C4 Datasheet HTML 176Page - STMicroelectronics ST72345C4 Datasheet HTML 177Page - STMicroelectronics ST72345C4 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
174/247
Doc ID 12321 Rev 6
When the memory address limit is reached the current address will roll over and the
sequential read will continue till the addressing master sends a stop condition. Refer to
Figure 81.
Combined format
If a master wants to continue communication either with another slave or by changing the
direction of transfer then the master would generate a restart and provide a different slave
address or the same slave address with the R/W bit reversed. Refer to Figure 82.
Rollover handling
The RAM buffer of each slave is divided into pages whose length is defined according to
PL1:0 bits in I2C3SCR1. Rollover takes place in these pages as described below.
In the case of Page Write, if the number of data bytes transmitted is more than the page
length, the current address will roll over to the first byte of the current page and the previous
data will be overwritten. This page size is configured using PL[1:0] bit in the I2C3SCR1
register.
In case of Sequential Read, if the current address register value reaches the memory
address limit the address will roll over to the first address of the reserved area for the
respective slave.
There is no status flag to indicate the roll over.
Note:
The reserved areas for slaves 1 and 2 have a limit of 256 bytes. The area for slave 3 is 128
bytes. The MSB of the address is hardwired, the addressing master therefore needs to send
only an 8 bit address.
The page boundaries are defined based on the page size configuration using PL[1:0] bit in
the I2C3SCR1 register. If an 8-byte page size is selected, the upper 5 bits of the RAM
address are fixed and the lower 3 bits are incremented. For example, if the page write starts
at register address 0x0C, the write will follow the sequence 0x0C, 0x0D, 0x0E, 0x0F, 0x08,
0x09, 0x0A, 0x0B. If a 16-byte page size is selected, the upper 4 bits of the RAM address
are fixed and the lower 4 bits are incremented. For example, if the page write starts at
register address 0x0C, the write will follow the sequence 0x0C, 0x0D, 0x0E, 0x0F, 0x00,
0x01, etc.
Error conditions
●
BERR: Detection of a Stop or a Start condition during a byte transfer. In this case, the
BERR bit is set by hardware with an interrupt if ITER is set. During a stop condition, the
interface discards the data, releases the lines and waits for another Start condition.
However, a BERR on a Start condition will result in the interface discarding the data
and waiting for the next slave address on the bus.
●
NACK: Detection of a non-acknowledge bit not followed by a Stop condition. In this
case, NACK bit is set by hardware with an interrupt if ITER is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com