Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72361J4-Auto Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST72361J4-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361J4-Auto Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST72361J4-Auto Datasheet HTML 74Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 75Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 76Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 77Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 78Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 79Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 80Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 81Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 279 page
background image
I/O ports
ST72361xx-Auto
78/279
Doc ID 12468 Rev 3
8.5
Low power modes
8.6
Interrupts
The external interrupt event generates an interrupt if the corresponding configuration is
selected with DDR and OR registers and the interrupt mask in the CC register is not active
(RIM instruction).
Port D
PD0
floating
pull-up interrupt (ei3)
open drain
push-pull
PD1
floating interrupt (ei3)
PD3:2
pull-up
PD4
floating interrupt (ei3)
PD5
pull-up
PD6
pull-up interrupt (ei3)
PD7
floating interrupt (ei3)
Port E
PE7:0
floating (TTL)
pull-up (TTL)
open drain
push-pull
Port F
PF7:0
floating (TTL)
pull-up (TTL)
open drain
push-pull
Table 32.
Port configuration (continued)
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Table 33.
Effect of low power modes on I/O ports
Mode
Description
WAIT
No effect on I/O ports. External interrupts cause the device to exit from WAIT mode.
HALT
No effect on I/O ports. External interrupts cause the device to exit from HALT mode.
Table 34.
I/O port interrupt control/wake-up capability
Interrupt event
Event
flag
Enable
control
bit
Exit
from
wait
Exit
from
halt
External interrupt on selected
external event
-
DDRx
ORx
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com