Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101x3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM8L101x3
Description  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM8L101x3 Datasheet HTML 4Page - STMicroelectronics STM8L101x3 Datasheet HTML 5Page - STMicroelectronics STM8L101x3 Datasheet HTML 6Page - STMicroelectronics STM8L101x3 Datasheet HTML 7Page - STMicroelectronics STM8L101x3 Datasheet HTML 8Page - STMicroelectronics STM8L101x3 Datasheet HTML 9Page - STMicroelectronics STM8L101x3 Datasheet HTML 10Page - STMicroelectronics STM8L101x3 Datasheet HTML 11Page - STMicroelectronics STM8L101x3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
Introduction
STM8L101x1 STM8L101x2 STM8L101x3
8/88
DocID15275 Rev 16
1
Introduction
This datasheet provides the STM8L101x1 STM8L101x2 STM8L101x3 pinout, ordering
information, mechanical and electrical device characteristics.
For complete information on the STM8L101x1 STM8L101x2 STM8L101x3 microcontroller
memory, registers and peripherals, please refer to the STM8L reference manual.
The STM8L101x1 STM8L101x2 STM8L101x3devices are members of the STM8L low-
power 8-bit family. They are
referred to as low-density devices in the STM8L101x1 STM8L101x2 STM8L101x3
microcontroller family reference manual (RM0013) and in the STM8L Flash programming
manual (PM0054).
All devices of the SM8L product line provide the following benefits:
•
Reduced system cost
–
Up to 8 Kbytes of low-density embedded Flash program memory including up to
2 Kbytes of data EEPROM
–
High system integration level with internal clock oscillators and watchdogs.
–
Smaller battery and cheaper power supplies.
•
Low power consumption and advanced features
–
Up to 16 MIPS at 16 MHz CPU clock frequency
–
Less than 150 µA/MH, 0.8 µA in Active-halt mode, and 0.3 µA in Halt mode
–
Clock gated system and optimized power management
•
Short development cycles
–
Application scalability across a common family product architecture with
compatible pinout, memory map and modular peripherals.
–
Full documentation and a wide choice of development tools
•
Product longevity
–
Advanced core and peripherals made in a state-of-the art technology
–
Product family operating from 1.65 V to 3.6 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com