Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72561J9-Auto Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST72561J9-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561J9-Auto Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST72561J9-Auto Datasheet HTML 24Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 25Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 26Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 27Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 28Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 29Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 30Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 31Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 324 page
background image
Register and memory map
ST72561-Auto
28/324
Doc ID 12370 Rev 8
2
Register and memory map
As shown in Figure 5, the MCU is capable of addressing 64 Kbytes of memories and I/O
registers.
The available memory locations consist of 128 bytes of register locations, up to 2 Kbytes of
RAM and up to 60 Kbytes of user program memory.
The RAM space includes up to 256 bytes for the stack from 0100h to 01FFh.The highest
address bytes contain the user reset and interrupt vectors.
Caution:
Memory locations marked as “Reserved” must never be accessed. Accessing a reserved
area can have unpredictable effects on the device.
Figure 5.
Memory map
0000h
RAM
Program Memory
(60K, 48K, 32K, 16K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
0FFFh
(see Table 4
)
1000h
FFDFh
FFE0h
FFFFh
(see Table 16
)
0880h
Reserved
087Fh
Short Addressing
RAM (zero page)
256 bytes Stack
16-bit Addressing
RAM
0100h
01FFh
0080h
0200h
00FFh
1000h
32 Kbytes
60 Kbytes
FFDFh
8000h
or 087Fh
16 Kbytes
C000h
48 Kbytes
4000h
(2048/1024 bytes)
047Fh
Table 4.
Hardware register map
Address
Block
Register
label
Register name
Reset
status
Remarks(1)
0000h
0001h
0002h
Port A
PADR
PADDR
PAOR
Port A Data Register
Port A Data Direction Register
Port A Option Register
00h(2)
00h
00h
R/W(3)
R/W(3)
R/W(3)
0003h
0004h
0005h
Port B
PBDR
PBDDR
PBOR
Port B Data Register
Port B Data Direction Register
Port B Option Register
00h(2)
00h
00h
R/W(3)
R/W(3)
R/W(3)
0006h
0007h
0008h
Port C
PCDR
PCDDR
PCOR
Port C Data Register
Port C Data Direction Register
Port C Option Register
00h(2)
00h
00h
R/W(3)
R/W(3)
R/W(3)
0009h
000Ah
000Bh
Port D
PDDR
PDDDR
PDOR
Port D Data Register
Port D Data Direction Register
Port D Option Register
00h(2)
00h
00h
R/W(3)
R/W(3)
R/W(3)
000Ch
000Dh
000Eh
Port E
PEDR
PEDDR
PEOR
Port E Data Register
Port E Data Direction Register
Port E Option Register
00h(2)
00h
00h
R/W(3)
R/W(3)
R/W(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com